Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV7320 Datasheet(PDF) 2 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 2 Page - Analog Devices

  ADMV7320 Datasheet HTML 1Page - Analog Devices ADMV7320 Datasheet HTML 2Page - Analog Devices ADMV7320 Datasheet HTML 3Page - Analog Devices ADMV7320 Datasheet HTML 4Page - Analog Devices ADMV7320 Datasheet HTML 5Page - Analog Devices ADMV7320 Datasheet HTML 6Page - Analog Devices ADMV7320 Datasheet HTML 7Page - Analog Devices ADMV7320 Datasheet HTML 8Page - Analog Devices ADMV7320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ADMV7320
Data Sheet
Rev. C | Page 2 of 29
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications ...................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications .................................................................................... 3
 
Absolute Maximum Ratings ........................................................... 5
 
Thermal Resistance ...................................................................... 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions ............................ 6
 
Interface Schematics .................................................................... 8
 
Typical Performance Characteristics............................................. 9
 
Detector Performance ............................................................... 19
 
Return Loss Performance.......................................................... 21
 
Spurious Performance ............................................................... 22
 
Theory of Operation ...................................................................... 23
 
Mixer and LO Path .................................................................... 23
 
Envelope Detector, VGA, and Power Detector ..................... 23
 
Power Amplifier and Power Detector..................................... 23
 
Applications Information ............................................................. 25
 
Power-Up Bias Sequence .......................................................... 25
 
Power-Down Bias Sequence ..................................................... 25
 
LO Nulling .................................................................................. 25
 
Gain Tuning Procedure............................................................. 26
 
Layout .......................................................................................... 27
 
Typical Application Circuit .......................................................... 28
 
Outline Dimensions....................................................................... 29
 
Ordering Guide .......................................................................... 29
 
REVISION HISTORY
12/2020—Rev. B to Rev. C
Changes to Figure 79 ..................................................................... 21
3/2020—Rev. A to Rev. B
Changes to Power-Up Bias Sequence Section ...............................25
Change to Table 5 ..................................................................................26
10/2019—Revision A: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com