Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV7320 Datasheet(PDF) 21 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 17Page - Analog Devices ADMV7320 Datasheet HTML 18Page - Analog Devices ADMV7320 Datasheet HTML 19Page - Analog Devices ADMV7320 Datasheet HTML 20Page - Analog Devices ADMV7320 Datasheet HTML 21Page - Analog Devices ADMV7320 Datasheet HTML 22Page - Analog Devices ADMV7320 Datasheet HTML 23Page - Analog Devices ADMV7320 Datasheet HTML 24Page - Analog Devices ADMV7320 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
ADMV7320
Rev. C | Page 21 of 29
RETURN LOSS PERFORMANCE
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
13.4
13.6
13.8
14.0
14.2
14.4
14.6
LO FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 78. LO Return Loss vs. LO Frequency over Temperature
–30
–25
–20
–15
–10
–5
0
79
80
81
82
83
84
85
86
87
88
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 79. RF Return Loss vs. RF Frequency over Temperature
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 80. IF Return Loss vs. IF Frequency over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com