Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5160BCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5160BCPZ-R7
Description  High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5160BCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5160BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADRF5160
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PAD. EXPOSED PAD MUST BE
CONNECTED TO RF/DC GROUND.
24 GND
23 GND
22 GND
21 RF2
20 GND
19 GND
18 GND
17 GND
1
2
3
4
5
6
7
8
GND
GND
GND
RF1
GND
GND
GND
GND
ADRF5160
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 3, 5 to 11, 13 to 20, 22 to 27, 30 to 32
GND
Ground. The package bottom has an exposed metal pad that must connect to
the PCB RF/dc ground.
4
RF1
RF Port 1. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor is
required on this pin. See Figure 3 for the interface schematic.
12
RFC
RF Common Port. This pin is dc-coupled and matched to 50 Ω. A dc blocking
capacitor is required on this pin. See Figure 3 for the interface schematic.
21
RF2
RF Port 2. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor is
required on this pin. See Figure 3 for the interface schematic.
28
VCTL
Control Input Pin. See Figure 4 for the VCTL interface schematic. Refer to Table 5
for the signal path and the recommended input control voltage range shown in
Table 1.
29
VDD
Supply Voltage Pin.
EPAD
Exposed Pad. Exposed pad must be connected to RF/dc ground.
INTERFACE SCHEMATICS
RFC,
RF1,
RF2
Figure 3. RFC, RF1, and RF2 Interface Schematic
VCTL
VDD
VDD
Figure 4. Control Input (VCTL) Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com