Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5160BCPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5160BCPZ-R7
Description  High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5160BCPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5160BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADRF5160
Rev. 0 | Page 11 of 12
ADRF5160
GND
VCTL
C3
C1
C2
RFC
C4
R1
0Ω
VDD
RF1
RF2
GND
GND
RF2
GND
GND
GND
GND
GND
GND
GND
RF1
GND
GND
GND
GND
32 31 30 29 28 27 26 25
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
10 11 12 13 14 15 16
Figure 17. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com