Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5160BCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5160BCPZ-R7
Description  High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5160BCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5160BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5160BCPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADRF5160
Data Sheet
Rev. 0 | Page 10 of 12
TYPICAL APPLICATION CIRCUIT
Generate the evaluation PCB used in the typical application
circuit shown in Figure 17 with proper RF circuit design
techniques. Signal lines at the RF port must have a 50 Ω
impedance, and the package ground leads and backside ground
slug must connect directly to the ground plane. The evaluation
board shown in Figure 16 is available from Analog Devices, Inc.,
upon request.
600-01533-00-2
RFC
GND
VDD
VCTL
1
2
3
4
J3
J2
J1
R1
TP2
TP1
TP3
C2
C3
C1
Figure 16. ADRF5160-EVALZ Evaluation Board Component Placement
Table 6. Bill of Materials for the ADRF5160-EVALZ Evaluation Board
Reference Designator
Description
C1 to C3
24 pF, 200 V ultralow, effective series resistance (ESR) capacitors, 0402
package
C4
0.3 pF, 200 V ultralow ESR capacitor, 0402 package
TP1, TP2, TP3
Test point connectors
R1
0 Ω resistor, 0402 package
J1, J2, J3
PCB mount, SubMiniature Version A (SMA) connectors
U1
ADRF5160 SPDT switch
PCB1
ADRF5160-EVALZ2 evaluation PCB
1
The circuit board material is Roger 4350 or Arlon 25FR.
2
Reference to this evaluation board number when ordering the complete evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com