Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5250-EVALZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5250-EVALZ
Description  0.1 GHz to 6 GHz Silicon SP5T Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5250-EVALZ Datasheet(HTML) 3 Page - Analog Devices

  ADRF5250-EVALZ Datasheet HTML 1Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 2Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 3Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 4Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 5Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 6Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 7Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 8Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
ADRF5250
Rev. 0 | Page 3 of 15
SPECIFICATIONS
VDD = 5 V, VSS = 0 V, V1 = V2 = V3 = 0 V/VDD, TCASE = 25°C, 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.1
6
GHz
INSERTION LOSS
Between RFC and RFx (On)
0.1 GHz to 2 GHz
1.3
dB
2 GHz to 4 GHz
1.5
dB
4 GHz to 6 GHz
1.8
dB
ISOLATION
Between RFC and RFx (Off)
0.1 GHz to 2 GHz
55
dB
2 GHz to 4 GHz
50
dB
4 GHz to 6 GHz
46
dB
RETURN LOSS
RFC and RFx (On)
0.1 GHz to 2 GHz
15
dB
2 GHz to 4 GHz
13
dB
4 GHz to 6 GHz
13
dB
RFx (Off)
0.1 GHz to 2 GHz
17
dB
2 GHz to 4 GHz
15
dB
4 GHz to 6 GHz
8
dB
SWITCHING
Rise Time
tRISE
10% to 90% of radio frequency (RF) output
40
ns
Fall Time
tFALL
10% to 90% of RF output
80
ns
On and Off Time
tON, tOFF
50% of digital control voltage (V1, V2, V3) to 90% of
RF output
150
ns
Settling Time (RFx to RFx)
0.1 dB
50% of V1, V2, V3 to 0.1 dB of final RF output
400
ns
0.05 dB
50% of V1, V2, V3 to 0.05 dB of final RF output
500
ns
INPUT LINEARITY
0.1 dB Compression
P0.1dB
34
dB
Third-Order Intercept
IP3
57
dBm
SUPPLY CURRENT
VDD, VSS pins
Positive
IDD
NVG enabled (VSS = 0 V)
360
µA
NVG disabled (VSS = −3.3 V)
280
µA
Negative
ISS
NVG disabled (VSS = −3.3 V)
−60
µA
DIGITAL CONTROL INPUTS
V1, V2, V3 pins
Voltage
Low
VINL
VDD = 3.3 V
0
0.8
V
VDD = 5 V
0
1.2
V
High
VINH
VDD = 3.3 V
1.3
3.3
V
VDD = 5 V
1.6
5
V
Current
Low and High
IINL, IINH
VDD = 3.3 V to 5 V
<1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com