Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5250-EVALZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5250-EVALZ
Description  0.1 GHz to 6 GHz Silicon SP5T Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5250-EVALZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5250-EVALZ Datasheet HTML 5Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 6Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 7Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 8Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 9Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 10Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 11Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 12Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
ADRF5250
Rev. 0 | Page 9 of 15
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT (IP3)
40
20
0.5
6.0
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
RFC TO RF1
RFC TO RF2
RFC TO RF3
RFC TO RF4
RFC TO RF5
Figure 10. Input 0.1 dB Power Compression (P0.1dB) vs. Frequency,
VDD = 3.3 V, VSS = 0 V
40
20
0.5
6.0
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
RFC TO RF1
RFC TO RF2
RFC TO RF3
RFC TO RF4
RFC TO RF5
Figure 11. Input 0.1 dB Power Compression (P0.1dB) vs. Frequency,
VDD = 5 V, VSS = 0 V
65
30
35
40
45
50
55
60
0.5
6.0
FREQUENCY (GHz)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
RFC TO RF1
RFC TO RF2
RFC TO RF3
RFC TO RF4
RFC TO RF5
Figure 12. Input IP3 vs. Frequency, VDD = 5 V, VSS = 0 V
40
20
0.5
6.0
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +105°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 13. Input 0.1 dB Power Compression vs. Frequency over Temperature,
VDD = 3.3 V, VSS = 0 V
40
20
0.5
6.0
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +105°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 14. Input 0.1 dB Power Compression (P0.1dB) vs. Frequency over
Temperature, VDD = 5 V, VSS = 0 V
65
30
35
40
45
50
55
60
0.5
6.0
FREQUENCY (GHz)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +105°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 15. Input IP3 vs. Frequency over Temperature,
VDD = 5 V, VSS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com