Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5250-EVALZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5250-EVALZ
Description  0.1 GHz to 6 GHz Silicon SP5T Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5250-EVALZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5250-EVALZ Datasheet HTML 2Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 3Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 4Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 5Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 6Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 7Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 8Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 9Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADRF5250
Data Sheet
Rev. 0 | Page 6 of 15
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
GND
RF4
GND
GND
RF5
GND
GND
RF1
GND
VDD
V1
V2
ADRF5250
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST
BE CONNECTED TO THE RF/DC GROUND OF
THE PCB.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 4, 6, 7, 9,
10, 12, 13, 15,
21, 23, 24
GND
Ground. These pins must be connected to the RF/dc ground of the printed circuit board (PCB).
2
RF5
RF Throw Port 5. This pin is dc coupled and no dc blocking capacitor is necessary when the RF line potential
is within 0 V dc.
5
RF4
RF Throw Port 4. This pin is dc coupled and no dc blocking capacitor is necessary when the RF line potential
is within 0 V dc.
8
RF3
RF Throw Port 3. This pin is dc coupled and no dc blocking capacitor is necessary when the RF line potential
is within 0 V dc.
11
RF2
RF Throw Port 2. This pin is dc coupled and no dc blocking capacitor is necessary when the RF line potential
is within 0 V dc.
14
RF1
RF Throw Port 1. This pin is dc coupled and no dc blocking capacitor is necessary when the RF line potential
is within 0 V dc.
16
VDD
Positive Supply Voltage.
17
V1
Digital Input Voltage Applied to the Least Significant Bit (LSB) of Digital Interface for Controlling RF Path
State. See Table 5.
18
V2
Digital Input Voltage Applied to the Second Bit of Digital Interface for Controlling RF Path State. See Table 5.
19
V3
Digital Input Voltage Applied to the Most Significant Bit (MSB) of Digital Interface for Controlling RF Path
State. See Table 5.
20
VSS
Optional Negative Supply Voltage. This pin can be connected to ground to operate with the internal
negative voltage generator. The internal negative voltage generator is disabled when this pin is connected
to an external 3.3 V supply.
22
RFC
RF Common Port. This pin is dc-coupled and no dc blocking capacitor is necessary when the RF line
potential is within 0 V dc.
EPAD
Exposed Pad. The exposed pad must be connected to the RF/dc ground of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com