Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5519BCPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5519BCPZN-R7
Description  Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5519BCPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5519BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Data Sheet
ADRF5519
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 14 of 16
To generate the evaluation PCB used in a typical application circuit,
use proper RF circuit design techniques. Signal lines at the RF port
must have a 50 Ω impedance, and the package ground leads and
the backside ground slug must connect directly to the ground plane.
Use 300 Ω series resistors on the BP-CHx and PD-CHAB digital
control pins for glitch and overcurrent protection. The ADRF5519-
EVALZ is available from Analog Devices, Inc., upon request.
1.9 GHZ OPERATION
The ADRF5519 can be used for applications at 1.9 GHz, tuned
from 1.7 GHz to 2.1 GHz, and 3 dB derated from Table 1 power
rating. Table 9 shows the typical specifications of the ADRF5519-
EVALZ tuned at 1.9 GHz.
Table 8 lists the required matching components. The ADRF5519-
EVALZ is assembled and shipped without any matching compo-
nents by default. The ADRF5519-EVALZ can be tuned for a
1.9 GHz application with a series RF trace and a parallel capacitor,
as shown in Table 8.
Table 8. Matching Components
Matching Components
Series RF Trace
Parallel Capacitor
ANT_x Pin
Z0 = 50 Ω
1 pF1
λ/8 at 1.9
 GHz
11.7 mm for
ADRF5519-EVALZ
TERM_x Pin
<1.5 mm
1.2 pF1
1 ATC 600S 0603 Series
The simulated tuning performance at receive mode and transmit
mode is shown in Figure 27 and Figure 28.
Figure 27. ANT-CHx Return Loss with and Without Tuning at Receive Mode
Figure 28. ANT-CHx and TERM-CHx Return Loss with and Without Tuning at
Transmit Mode
Table 9. Typical Specifications at 1.9 GHz with Recommended Matching
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GAIN1
Receive operation at 1.9 GHz
High Gain Mode
35
dB
Low Gain Mode
13
dB
GAIN FLATNESS
Receive operation from 1.7 GHz to 2.1 GHz
High Gain Mode
0.5
dB
Low Gain Mode
0.5
dB
NOISE FIGURE (NF)1
Receive operation at 1.9 GHz
High Gain Mode
0.9
dB
Low Gain Mode
0.9
dB
OUTPUT THIRD ORDER INTERCEPT POINT (OIP3)1
Receive operation, per tone at 1 MHz tone spacing at 1.9
GHz
High Gain Mode
Output power = 8 dBm per tone
30
dBm
Low Gain Mode
Output power = −10 dBm per tone
22
dBm
OUTPUT 1 dB COMPRESSION (OP1dB)
Receive operation at 1.9 GHz
High Gain Mode
17
dBm
Low Gain Mode
12
dBm
INSERTION LOSS1
Transmit operation at 1.9 GHz
0.55
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com