Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5519BCPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF5519BCPZN-R7
Description  Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5519BCPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF5519BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Data Sheet
ADRF5519
OUTLINE DIMENSIONS
©2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Rev. 0 | 16 of 16
Figure 29. 40-Lead Lead Frame Chip Scale Package [LFCSP]
6 mm × 6 mm Body and 0.95 mm Package Height
(CP-40-15)
Dimensions shown in millimeters
Updated: April 09, 2021
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
ADRF5519BCPZN
−40°C to +105°C
40-Lead LFCSP (6mm × 6mm w/ EP)
Reel, 0
CP-40-15
ADRF5519BCPZN-R7
−40°C to +105°C
40-Lead LFCSP (6mm × 6mm w/ EP)
Reel, 750
CP-40-15
ADRF5519BCPZN-RL
−40°C to +105°C
40-Lead LFCSP (6mm × 6mm w/ EP)
Reel, 2500
CP-40-15
1 Z = RoHS Compliant Part
EVALUATION BOARDS
ADRF5519-EVALZ
ADRF5519 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com