Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5519BCPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF5519BCPZN-R7
Description  Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5519BCPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF5519BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5519BCPZN-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADRF5519
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 15 of 16
Table 9. Typical Specifications at 1.9 GHz with Recommended Matching
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RETURN LOSS
At 1.9 GHz
ANT-CHA and ANT-CHB
Receive operation
>20
dB
RXOUT-CHA and RXOUT-CHB
>20
dB
ANT-CHA and ANT-CHB
Transmit operation
>20
dB
TERM-CHA and TERM-CHB
>20
dB
RF INPUT POWER at ANT-CHA, ANT-CHB
SWCTRL-CHAB = 5 V, PD-CHAB = 5 V, BP-CHA = BP-CHB
= 0 V, TCASE = 105°C
Continuous wave at 1.9 GHz
40
dBm
9 dB PAR LTE full lifetime average at 1.9 GHz
40
dBm
1 See Table 6 and Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com