Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5549BCPZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5549BCPZN-R7
Description  Dual-Channel, 1.8 GHz to 2.8 GHz, Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5549BCPZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5549BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
ADRF5549
Rev. A | Page 11 of 15
35
10
15
20
25
30
–14
–12
–10
–8
–6
–4
OUTPUT POWER (dBm)
TA = –40°C
TA = +25°C
TA = +105°C
Figure 22. OIP3 vs. Output Power, 2.3 GHz
20
6
8
10
12
14
16
18
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +105°C
Figure 23. OP1dB vs. Frequency at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com