Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5549BCPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5549BCPZN-R7
Description  Dual-Channel, 1.8 GHz to 2.8 GHz, Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5549BCPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5549BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ADRF5549
Data Sheet
Rev. A | Page 14 of 15
APPLICATIONS INFORMATION
To generate the evaluation PCB used in the typical application
circuit shown in Figure 28, use proper RF circuit design
techniques. Signal lines at the RF port must have a 50 Ω
impedance, and the package ground leads and the backside
ground slug must connect directly to the ground plane. Use
300 Ω series resistors on the BP-Chx and PD-ChAB digital
control pins for glitch and overcurrent protection.
See the ADRF5549-EVALZ user guide for additional information
on the evaluation board.
WHT
RED
100pF
100pF
1000pF
100pF
142-0701-851
10µF
100pF
200V
1000pF
100pF
DNI
DNI
0.3pF
ORG
200V
0Ω
0.3pF
0.3pF
0Ω
DNI
DNI
142-0701-851
200V
DNI
200V
0.3pF
DNI
0.3pF
200V
BLK
142-0701-851
0Ω
BRN
YEL
GRN
1000pF
10µF
YEL
BLU
DNI
0Ω
YEL
DNI
142-0701-851
ORG
10µF
1000pF
100pF
200V
200V
100pF
200V
142-0701-851
142-0701-851
100pF
0Ω
0Ω
10µF
142-0701-851
0Ω
100pF
100pF
142-0701-851
0.3pF
100pF
DNI
ADRF5549
200V
10µF
0Ω
C14
C15
R6
R5
C6
C27
C26
R2
R1
C7
C1
ANT_A
C2
ANT_B
C22
C23
R23
R22
C25
C24
BP_B
RxO_B
C10
C11
VDD2_B
R3
TERM_B
C8
U1
GND1
GND
THRU2
THRU1
C21
C20
RxO_A
SWVDDB
R4
VDD2_A
VDD1_A
VDD1_B
SWCTRL
PD
BP_A
C5
C4
C17
C16
C18
C12
TERM_A
C3
C13
C19
VDD2_ChB
BP_ChA
RxOUT_ChA
SWCTRL_ChAB
VDD2_ChB
SWVDD_ChAB
TERM_ChA
VDD1_ChA
VDD2_ChA
VDD2_ChA
ANT_CHB
THRU CAL
PD
ANT_ChA
RxOUT_ChB
1
1
1
1
1
6
5
22
29
26
30
28
25
23
21
10
9
7
4
2
1
24
27
8
3
1
1
1
1
1
1
1
1
2
3
4
2
3
4
4
3
2
4
3
2
2
3
4
4
3
2
GND
RxOUT-ChA
GND
BP-ChA
PD-ChAB
NIC
BP-ChB
GND
RxOUT-ChB
GND
GND
GND
ANT-ChB
GND
SWVDD-ChAB
SWCTRL-ChAB
GND
ANT-ChA
GND
GND
0Ω
R7
0Ω
R8
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
100pF
200V
C9
2
3
4
2
3
4
0Ω
(300Ω)
0Ω
(300Ω)
0Ω
(300Ω)
Figure 28. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com