Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5549BCPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF5549BCPZN-R7
Description  Dual-Channel, 1.8 GHz to 2.8 GHz, Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5549BCPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF5549BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5549BCPZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Data Sheet
ADRF5549
Rev. A | Page 15 of 15
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
6.10
6.00 SQ
5.90
1.00
0.95
0.85
0.45
0.40
0.35
0.20 MIN
4.70
4.60 SQ
4.50
COMPLIANT TO JEDEC STANDARDS MO-220-VJJD-5
40
1
11
10
20
21
30
31
SIDE VIEW
EXPOSED
PAD
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
AREA
DETAIL A
(JEDEC 95)
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
Figure 29. 40-Lead Lead Frame Chip Scale Package [LFCSP]
6 mm × 6 mm Body and 0.95 mm Package Height
(CP-40-15)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADRF5549BCPZN
−40°C to +105°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-15
ADRF5549BCPZN-R7
−40°C to +105°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-15
ADRF5549BCPZN-RL
−40°C to +105°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-15
ADRF5549-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2019–2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D20828-6/20(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com