Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTU31 Datasheet(PDF) 21 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 21 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 17Page - TE Connectivity Ltd HTU31 Datasheet HTML 18Page - TE Connectivity Ltd HTU31 Datasheet HTML 19Page - TE Connectivity Ltd HTU31 Datasheet HTML 20Page - TE Connectivity Ltd HTU31 Datasheet HTML 21Page - TE Connectivity Ltd HTU31 Datasheet HTML 22Page - TE Connectivity Ltd HTU31 Datasheet HTML 23Page - TE Connectivity Ltd HTU31 Datasheet HTML 24Page - TE Connectivity Ltd HTU31 Datasheet HTML 25Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
HTU31V RH/T SENSOR IC
Analog Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31V RH/T SENSOR IC
REV3 01/2021
Page 2
PERFORMANCE SPECIFICATIONS
Relative Humidity Specifications
Vdd = 5V 25°C
Characteristics
Condition
Value
Units
Notes / Conditions
Humidity Operating Range
Max1
0 to 100
%RH
Relative Humidity Accuracy
Typical
±2
%RH
Figure 1 Humidity
Sensor Rating @25°C
Resolution
Typical
0.01
%RH
Table 11 Humidity and
Temperature
Conversion Parameters
Hysteresis
@25°C
±0.7
%RH
Response Time2
τ63%
5
s
Recovery Time after Condensation3
Typical
10
s
Long Term Drift4
Typical
<0.25
%RH / year
Table 1 Humidity Specifications
Temperature Specifications
Vdd = 5V 25°C
Characteristics
Condition
Value
Units
Notes / Conditions
Temperature Operating Range
-40 to 125
°C
Temperature Accuracy
Typical
±0.2
°C
Figure 2 Temperature
Sensor Rating
Resolution
Typical
0.016
°C
Table 11 Humidity and
Temperature
Conversion Parameters
Response Time2
τ63%
10
s
Long Term Drift
Typical
0.04
°C / year
Table 2 Temperature Specifications
1
Cf. Figure 3 Humidity and Temperature Operating Range
2
With 1m.s-1 air flow
3
Measured according to AFNOR standard NFX 15-113, with 3 m.s-1 air flow
4
Typical application in regular environmental variation within optimum measurement range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com