Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTU31 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 5Page - TE Connectivity Ltd HTU31 Datasheet HTML 6Page - TE Connectivity Ltd HTU31 Datasheet HTML 7Page - TE Connectivity Ltd HTU31 Datasheet HTML 8Page - TE Connectivity Ltd HTU31 Datasheet HTML 9Page - TE Connectivity Ltd HTU31 Datasheet HTML 10Page - TE Connectivity Ltd HTU31 Datasheet HTML 11Page - TE Connectivity Ltd HTU31 Datasheet HTML 12Page - TE Connectivity Ltd HTU31 Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
HTU31D RH/T SENSOR IC
Digital Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31D RH/T SENSOR IC
REV3 01/2021
Page 8
Sensor Functions
General
Every I²C message starts with the start condition and it is ended with the stop condition. Every command consists of two bytes:
the address byte and the command byte. The sensor address is 1000’00x. The x in the address is defined with the value at the
input of the I2C_LSB pin. If I2C_LSB =0 then the address will be 1000’000 (0x40), while if the I2C_LSB = 1 then the address
will be 1000’001 (0x41). This feature allows two sensors to operate on the same I2C bus.
Command Byte
7
6
5
4
3
2
1
0
Command Name
CMD
CMD
CMD
CMD
CMD
CMD
CMD
Stop
Conversion
0
1
0
OSRRH1
OSRRH0
OSRT1
OSRT0
X
Read T & RH
0
0
0
0
0
0
0
X
Read RH
0
0
0
1
0
0
0
X
Reset
0
0
0
1
1
1
1
X
Heater on
0
0
0
0
0
1
0
X
Heater off
0
0
0
0
0
0
1
X
Read serial number
0
0
0
0
1
0
1
X
Read Diagnostic
0
0
0
0
1
0
0
X
Table 10 User Commands
Temperature & Humidity Measurement Sequence
1) Execute “Conversion” command with the desired resolution to perform measurement and load it in sensor memory
2) Wait for the conversion time (see Table 5 Timing Specifications)
3) Execute “Read T & RH” or “Read RH” command to read measurement
Note: Humidity and temperature values will be updated by the “Conversion” command.
Conversion
The conversion command triggers a single temperature and humidity conversion with Selected Resolution OSR:
Figure 5 Conversion Command
Abbreviation
Binary value
Description
osrRH1..osrRH0
11
10
01
00
Humidity OSR = 3 (0.007%RH)
Humidity OSR = 2 (0.010%RH)
Humidity OSR = 1 (0.014%RH)
Humidity OSR = 0 (0.020%RH)
osrT1..osrT0
11
10
01
00
Temperature OSR = 3 (0.012°C)
Temperature OSR = 2 (0.016°C)
Temperature OSR = 1 (0.025°C)
Temperature OSR = 0 (0.040°C)
Table 11 Humidity and Temperature Conversion Parameters and Associated Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com