Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTU31 Datasheet(PDF) 30 Page - TE Connectivity Ltd

Part # HTU31
Description  RH/T SENSOR IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU31 Datasheet(HTML) 30 Page - TE Connectivity Ltd

Back Button HTU31 Datasheet HTML 24Page - TE Connectivity Ltd HTU31 Datasheet HTML 25Page - TE Connectivity Ltd HTU31 Datasheet HTML 26Page - TE Connectivity Ltd HTU31 Datasheet HTML 27Page - TE Connectivity Ltd HTU31 Datasheet HTML 28Page - TE Connectivity Ltd HTU31 Datasheet HTML 29Page - TE Connectivity Ltd HTU31 Datasheet HTML 30Page - TE Connectivity Ltd HTU31 Datasheet HTML 31Page - TE Connectivity Ltd HTU31 Datasheet HTML 32Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
HTU31V RH/T SENSOR IC
Analog Relative Humidity & Temperature Sensor
TE CONNECTIVITY SENSORS /// HTU31V RH/T SENSOR IC
REV3 01/2021
Page 11
Tape & Reel Packaging
HTU31V sensors are delivered in tape & reel packaging, sealed into antistatic ESD bags.
Standard packaging sizes are 400, 1500 and 5000 units per reel.
Each reel contains 440mm (55 pockets) header tape and 200mm (25 pockets) trailer tape.
For 400 and 1500 units: outside diameter of 7” (178mm) and a 1/2” (13mm) diameter arbor hole.
For 5000 units: outside diameter of 13” (330mm) and a 1/2” (13mm) diameter arbor hole.
Figure 7 Tape and Reel Drawing
Figure 8 Product Orientation in Tape and Reel Packaging
Recommended Footprint for PCBa Assembly
Figure 9 Recommended footprint (All dimensions are in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com