Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32X Datasheet(PDF) 49 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 45Page - STMicroelectronics LSM6DSO32X Datasheet HTML 46Page - STMicroelectronics LSM6DSO32X Datasheet HTML 47Page - STMicroelectronics LSM6DSO32X Datasheet HTML 48Page - STMicroelectronics LSM6DSO32X Datasheet HTML 49Page - STMicroelectronics LSM6DSO32X Datasheet HTML 50Page - STMicroelectronics LSM6DSO32X Datasheet HTML 51Page - STMicroelectronics LSM6DSO32X Datasheet HTML 52Page - STMicroelectronics LSM6DSO32X Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 162 page
background image
9.10
INT2_CTRL (0Eh)
INT2 pin control register (r/w)
Each bit in this register enables a signal to be carried over INT2 when the MIPI I3CSM dynamic address is not
assigned (I²C or SPI is used). Some bits can be also used to trigger an IBI when the MIPI I3CSM interface is used.
The output of the pin will be the OR combination of the signals selected here and in MD2_CFG (5Fh).
Table 38. INT2_CTRL register
0(1)
INT2_
CNT_BDR
INT2_
FIFO_FULL
INT2_
FIFO_OVR
INT2_
FIFO_TH
INT2_
DRDY_TEMP
INT2_
DRDY_G
INT2_
DRDY_XL
1. This bit must be set to '0' for the correct operation of the device.
Table 39. INT2_CTRL register description
INT2_CNT_BDR
Enables COUNTER_BDR_IA interrupt on INT2
INT2_FIFO_FULL
Enables FIFO full flag interrupt on INT2 pin
INT2_FIFO_OVR
Enables FIFO overrun interrupt on INT2 pin
INT2_FIFO_TH
Enables FIFO threshold interrupt on INT2 pin
INT2_DRDY_TEMP
Enables temperature sensor data-ready interrupt on INT2 pin. It can be also used to trigger an IBI when
the MIPI I3CSM interface is used and INT2_ON_INT1 = ‘1’ in CTRL4_C (13h).
INT2_DRDY_G
Gyroscope data-ready interrupt on INT2 pin
INT2_DRDY_XL
Accelerometer data-ready interrupt on INT2 pin
9.11
WHO_AM_I (0Fh)
WHO_AM_I register (r). This is a read-only register. Its value is fixed at 6Ch.
Table 40. WhoAmI register
0
1
1
0
1
1
0
0
LSM6DSO32X
INT2_CTRL (0Eh)
DS13607 - Rev 1
page 49/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com