Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32X Datasheet(PDF) 87 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 87 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 83Page - STMicroelectronics LSM6DSO32X Datasheet HTML 84Page - STMicroelectronics LSM6DSO32X Datasheet HTML 85Page - STMicroelectronics LSM6DSO32X Datasheet HTML 86Page - STMicroelectronics LSM6DSO32X Datasheet HTML 87Page - STMicroelectronics LSM6DSO32X Datasheet HTML 88Page - STMicroelectronics LSM6DSO32X Datasheet HTML 89Page - STMicroelectronics LSM6DSO32X Datasheet HTML 90Page - STMicroelectronics LSM6DSO32X Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 162 page
background image
Name
Type
Register address
Default
Comment
Hex
Binary
FSM_OUTS9
r
54
01010100
output
FSM_OUTS10
r
55
01010101
output
FSM_OUTS11
r
56
01010110
output
FSM_OUTS12
r
57
01010111
output
FSM_OUTS13
r
58
01011000
output
FSM_OUTS14
r
59
01011001
output
FSM_OUTS15
r
5A
01011010
output
FSM_OUTS16
r
5B
01011011
output
RESERVED
-
5E
01011110
EMB_FUNC_ODR_CFG_B
r/w
5F
01011111
01001011
EMB_FUNC_ODR_CFG_C
r/w
60
01100000
00010101
STEP_COUNTER_L
r
62
01100010
output
STEP_COUNTER_H
r
63
01100011
output
EMB_FUNC_SRC
r/w
64
01100100
output
EMB_FUNC_INIT_A
r/w
66
01100110
00000000
EMB_FUNC_INIT_B
r/w
67
01100111
00000000
MLC0_SRC
r
70
01110000
output
MLC1_SRC
r
71
01110001
output
MLC2_SRC
r
72
01110010
output
MLC3_SRC
r
73
01110011
output
MLC4_SRC
r
74
01110100
output
MLC5_SRC
r
75
01110101
output
MLC6_SRC
r
76
01110110
output
MLC7_SRC
r
77
01110111
output
Registers marked as Reserved must not be changed. Writing to those registers may cause permanent damage to
the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
LSM6DSO32X
Embedded functions register mapping
DS13607 - Rev 1
page 87/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com