Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32X Datasheet(PDF) 39 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 35Page - STMicroelectronics LSM6DSO32X Datasheet HTML 36Page - STMicroelectronics LSM6DSO32X Datasheet HTML 37Page - STMicroelectronics LSM6DSO32X Datasheet HTML 38Page - STMicroelectronics LSM6DSO32X Datasheet HTML 39Page - STMicroelectronics LSM6DSO32X Datasheet HTML 40Page - STMicroelectronics LSM6DSO32X Datasheet HTML 41Page - STMicroelectronics LSM6DSO32X Datasheet HTML 42Page - STMicroelectronics LSM6DSO32X Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 162 page
background image
Pin #
Name
Mode 1 function
Mode 2 function
Pin status Mode 1
Pin status Mode 2
13
SCL
I²C/MIPI I3CSM serial clock
(SCL) / SPI serial port clock
(SPC)
I²C/MIPI I3CSM serial clock
(SCL) / SPI serial port clock
(SPC)
Default: input without pull-up
Default: input without pull-up
14
SDA
I²C/MIPI I3CSM serial data
(SDA) / SPI serial data input
(SDI) / 3-wire interface serial
data output (SDO)
I²C/MIPI I3CSM serial data
(SDA) / SPI serial data input
(SDI) / 3-wire interface serial
data output (SDO)
Default: input without pull-up.
Default: input without pull-up.
1. INT1 must be set to '0' or left unconnected during power-on if the I²C/SPI interfaces are used.
Internal pull-up value is from 30 kΩ to 50 kΩ, depending on Vdd_IO.
Note:
The procedure to enable the pull-up on pins 2 and 3 is as follows:
1. Write 40h in register at address 01h (enable access to the sensor hub registers).
2. Wite 08h in register at address 14h (enable the pull-up on pins 2 and 3).
3. Write 00h in register at address 01h (disable access to the sensor hub registers).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com