Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD1839EB Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-AD1839EB
Description  2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1839EB Datasheet(HTML) 4 Page - Analog Devices

  EVAL-AD1839EB Datasheet HTML 1Page - Analog Devices EVAL-AD1839EB Datasheet HTML 2Page - Analog Devices EVAL-AD1839EB Datasheet HTML 3Page - Analog Devices EVAL-AD1839EB Datasheet HTML 4Page - Analog Devices EVAL-AD1839EB Datasheet HTML 5Page - Analog Devices EVAL-AD1839EB Datasheet HTML 6Page - Analog Devices EVAL-AD1839EB Datasheet HTML 7Page - Analog Devices EVAL-AD1839EB Datasheet HTML 8Page - Analog Devices EVAL-AD1839EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. B
–4–
AD1839
TIMING SPECIFICATIONS
Parameter
Min
Max
Unit
Comments
MASTER CLOCK AND RESET
tMH
MCLK High
15
ns
tML
MCLK Low
15
ns
tPDR
PD/RST Low
20
ns
SPI PORT
tCCH
CCLK High
40
ns
tCCL
CCLK Low
40
ns
tCCP
CCLK Period
80
ns
tCDS
CDATA Setup
10
ns
To CCLK Rising
tCDH
CDATA Hold
10
ns
From CCLK Rising
tCLS
CLATCH Setup
10
ns
To CCLK Rising
tCLH
CLATCH Hold
10
ns
From CCLK Rising
tCOE
COUT Enable
15
ns
From CLATCH Falling
tCOD
COUT Delay
20
ns
From CCLK Falling
tCOTS
COUT Three-State
25
ns
From CLATCH Rising
DAC SERIAL PORT
Normal Mode (Slave)
tDBH
DBCLK High
60
ns
tDBL
DBCLK Low
60
ns
fDB
DBCLK Frequency
64
fS
tDLS
DLRCLK Setup
10
ns
To DBCLK Rising
tDLH
DLRCLK Hold
10
ns
From DBCLK Rising
tDDS
DSDATA Setup
10
ns
To DBCLK Rising
tDDH
DSDATA Hold
10
ns
From DBCLK Rising
Packed 256 Modes (Slave)
tDBH
DBCLK High
15
ns
tDBL
DBCLK Low
15
ns
fDB
DBCLK Frequency
256
fS
tDLS
DLRCLK Setup
10
ns
To DBCLK Rising
tDLH
DLRCLK Hold
5
ns
From DBCLK Rising
tDDS
DSDATA Setup
10
ns
To DBCLK Rising
tDDH
DSDATA Hold
10
ns
From DBCLK Rising
ADC SERIAL PORT
Normal Mode (Master)
tABD
ABCLK Delay
25
ns
From MCLK Rising Edge
tALD
ALRCLK Delay Low
5
ns
From ABCLK Falling Edge
tABDD
ASDATA Delay
10
ns
From ABCLK Falling Edge
Normal Mode (Slave)
tABH
ABCLK High
60
ns
tABL
ABCLK Low
60
ns
fAB
ABCLK Frequency
64
fS
tALS
ALRCLK Setup
5
ns
To ABCLK Rising
tALH
ALRCLK Hold
15
ns
From ABCLK Rising
Packed 256 Mode (Master)
tPABD
ABCLK Delay
20
ns
From MCLK Rising Edge
tPALD
LRCLK Delay
5
ns
From ABCLK Falling Edge
tPABDD
ASDATA Delay
10
ns
From ABCLK Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com