Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD1839EB Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-AD1839EB
Description  2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1839EB Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-AD1839EB Datasheet HTML 3Page - Analog Devices EVAL-AD1839EB Datasheet HTML 4Page - Analog Devices EVAL-AD1839EB Datasheet HTML 5Page - Analog Devices EVAL-AD1839EB Datasheet HTML 6Page - Analog Devices EVAL-AD1839EB Datasheet HTML 7Page - Analog Devices EVAL-AD1839EB Datasheet HTML 8Page - Analog Devices EVAL-AD1839EB Datasheet HTML 9Page - Analog Devices EVAL-AD1839EB Datasheet HTML 10Page - Analog Devices EVAL-AD1839EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. B
AD1839
–7–
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
AVDD
OUTL2
NC
OUTR1
NC
OUTL1
NC
PD/RST
CIN
CLATCH
DVDD
52
51
50
49
48
47
46
45
44
43
42
41
40
AGND
DAUXDATA
AGND
AD1839
TOP VIEW
(Not to Scale
)
NC
OUTR3
NC
NC
NC
AGND
AGND
DLRCLK
DBCLK
27
28
29
30
31
32
33
34
35
36
37
38
39
M/S
DVDD
AVDD
14
15
16
17
18
19
20
21
22
23
24
25
26
PIN FUNCTION DESCRIPTIONS
Input/
Pin No.
Mnemonic
Output
Description
1, 39
DVDD
Digital Power Supply. Connect to digital 5 V supply.
2CLATCH
I
Latch Input for Control Data.
3
CIN
I
Serial Control Input.
4
PD/RST
I
Power-Down/Reset.
5, 10, 16, 24, 30, 34
AGND
Analog Ground.
6, 8, 12, 14, 25,
NC
Not Connected.
27, 31–33
NC
Not Connected.
7, 13, 26
OUTLx
O
DACx Left Channel Output.
9, 15, 28
OUTRx
O
DACx Right Channel Output.
11, 19, 29
AVDD
Analog Power Supply. Connect to analog 5 V supply.
17
FILTD
Filter Capacitor Connection. Recommended 10
mF/100 nF.
18
FILTR
Reference Filter Capacitor Connection. Recommended 10
mF/100 nF.
20
ADCLN
I
ADC Left Channel Negative Input.
21
ADCLP
I
ADC Left Channel Positive Input.
22
ADCRN
I
ADC Right Channel Negative Input.
23
ADCRP
I
ADC Right Channel Positive Input.
35
M/S
I
ADC
Master/Slave Select.
36
DAUXDATA
I
Auxiliary DAC Input Data.
37
DLRCLK
I/O
DAC LR Clock.
38
DBCLK
I/O
DAC Bit Clock.
40, 52
DGND
Digital Ground.
41–43
DSDATAx
I
DACx Input Data (Left and Right Channels).
44
AAUXDATA3
I
Auxiliary ADC3 Digital Input.
45
ABCLK
I/O
ADC Bit Clock.
46
ALRCLK
I/O
ADC LR Clock.
47
MCLK
I
Master Clock Input.
48
ODVDD
Digital Output Driver Power Supply.
49
ASDATA
O
ADC Serial Data Output.
50
COUT
O
Output for Control Data.
51
CCLK
I
Control Clock Input for Control Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com