Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD1839EB Datasheet(PDF) 22 Page - Analog Devices

Part # EVAL-AD1839EB
Description  2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1839EB Datasheet(HTML) 22 Page - Analog Devices

Back Button EVAL-AD1839EB Datasheet HTML 16Page - Analog Devices EVAL-AD1839EB Datasheet HTML 17Page - Analog Devices EVAL-AD1839EB Datasheet HTML 18Page - Analog Devices EVAL-AD1839EB Datasheet HTML 19Page - Analog Devices EVAL-AD1839EB Datasheet HTML 20Page - Analog Devices EVAL-AD1839EB Datasheet HTML 21Page - Analog Devices EVAL-AD1839EB Datasheet HTML 22Page - Analog Devices EVAL-AD1839EB Datasheet HTML 23Page - Analog Devices EVAL-AD1839EB Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
REV. B
–22–
AD1839
OUTLINE DIMENSIONS
52-Lead Plastic Quad Flatpack [MQFP]
(S-52)
Dimensions shown in millimeters
SEATING
PLANE
VIEW A
0.23
0.11
2.45
MAX
1.03
0.88
0.73
TOP VIEW
(PINS DOWN)
1
39
40
13
14
27
26
52
PIN 1
0.65 BSC
13.45
13.20 SQ
12.95
7.80
REF
10.20
10.00 SQ
9.80
0.40
0.22
VIEW A
ROTATED 90 CCW
7
0
2.20
2.00
1.80
0.13 MIN
COPLANARITY
COMPLIANT TO JEDEC STANDARDS MS-022-AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com