Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20006 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX20006
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20006 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX20006 Datasheet HTML 1Page - Maxim Integrated Products MAX20006 Datasheet HTML 2Page - Maxim Integrated Products MAX20006 Datasheet HTML 3Page - Maxim Integrated Products MAX20006 Datasheet HTML 4Page - Maxim Integrated Products MAX20006 Datasheet HTML 5Page - Maxim Integrated Products MAX20006 Datasheet HTML 6Page - Maxim Integrated Products MAX20006 Datasheet HTML 7Page - Maxim Integrated Products MAX20006 Datasheet HTML 8Page - Maxim Integrated Products MAX20006 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
(VSUP = VSUPSW = VEN = 14V. TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C under normal
conditions, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BIAS Undervoltage
Lockout
VUVBIAS
VBIAS falling
2.5
2.9
V
Thermal-Shutdown
Temperature
TSHDN
TJ rising
175
°C
Thermal-Shutdown
Hysteresis
THYST
15
°C
OUTPUT VOLTAGE
PWM-Mode Output
Voltage (Note 3)
VOUT_5V
VSUP = VSUPSW = 6V to 28V
4.9
5
5.1
V
Skip-Mode Output Voltage
(Note 4)
VSKIP_5V
Skip mode, no load, FB = BIAS
4.9
5
5.15
V
PWM-Mode Output
Voltage
VOUT_3.3V VSUP = VSUPSW = 6V to 28V
3.23
3.3
3.37
V
Skip-Mode Output Voltage
(Note 4)
VSKIP_3.3V Skip mode, no load, FB = BIAS
3.23
3.3
3.4
V
Load Regulation
LNREG
VFB = VBIAS, 30mA < ILOAD < 6A, PWM mode,
5V
0.6
%
Line Regulation
LDREG
VFB = VBIAS, 6V < VSUPSW < 36V, PWM mode
0.02
%/V
BST Input Current
IBST_ON
High-side MOSFET on, VBST - VLX = 5V
1.5
mA
BST Input Current
IBST_OFF
High-side MOSFET off, VBST - VLX = 5V
0.1
µA
LX Current Limit
ILX
MAX20004 (4A)
5.25
7
8.75
A
MAX20006 (6A)
7.5
10
12.5
MAX20008 (8A)
10.5
14
17.5
LX Rise Time (Note 4)
tLX_TR
2
ns
Spread Spectrum
SS
Spread spectrum enabled
±3
%
High-Side Switch
On-Resistance
RHS
VBIAS = 5V, ILX = 2A
38
76
mΩ
High-Side Switch Leakage
IHS_LKG
High-side MOSFET off, VSUPSW = 36V,
VLX = 0V, TA = +25°C
1
5
µA
Low-Side Switch
On-Resistance
RLS
VBIAS = 5V, ILX = 2A
18
36
mΩ
Low-Side Switch Leakage
ILS_LKG
Low-side MOSFET off, VSUPSW = 36V,
VLX = 36V, TA = +25°C
1
5
µA
FB Input Current
IFB
TA = +25°C
30
100
nA
FB Regulation Voltage
VFB
FB connected to an external resistive divider,
6V < VSUPSW < 36V
0.99
1.00
1.01
V
Transconductance
(from FB to COMP)
gm
VFB = 1V, VBIAS = 5V
500
780
1000
µS
Minimum On-Time
(Note 4)
tON_MIN
Load 500mA (Note 4)
75
ns
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com