Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20006 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20006
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20006 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20006 Datasheet HTML 1Page - Maxim Integrated Products MAX20006 Datasheet HTML 2Page - Maxim Integrated Products MAX20006 Datasheet HTML 3Page - Maxim Integrated Products MAX20006 Datasheet HTML 4Page - Maxim Integrated Products MAX20006 Datasheet HTML 5Page - Maxim Integrated Products MAX20006 Datasheet HTML 6Page - Maxim Integrated Products MAX20006 Datasheet HTML 7Page - Maxim Integrated Products MAX20006 Datasheet HTML 8Page - Maxim Integrated Products MAX20006 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Note 2: All units are 100% production tested at TA = +25˚C. All temperature limits are guaranteed by design.
Note 3: Device not in dropout condition.
Note 4: Guaranteed by design. Not production tested.
Note 5: Contact factory for SYNC frequency outside the specified range.
Note 6: Contact factory for additional options.
(VSUP = VSUPSW = VEN = 14V. TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C under normal
conditions, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Duty Cycle
DCMAX
97
98
%
Oscillator Frequency
fSW1
RFOSC = 73.2kΩ
360
400
440
kHz
Oscillator Frequency
fSW2
RFOSC = 12kΩ
2.0
2.2
2.4
MHz
Soft-Start Time
tSS
5
ms
EN, SYNC
External Input Clock
Frequency
RFOSC = 12kΩ (Note 5)
1.8
2.6
MHz
SYNC High Threshold
VSYNC_HI
1.4
V
SYNC Low Threshold
VSYNC_LO
0.4
V
SYNC Leakage Current
ISYNC
TA = +25°C
0.1
1
µA
EN High Threshold
VEN_HI
2.4
V
EN Low Threshold
VEN_LO
0.6
V
EN Hysteresis
VEN_HYS
0.2
V
EN Leakage Current
IEN
TA = +25°C
0.1
2
µA
RESET
UV Threshold
UVACC
Falling
89
91
93
%
UV Hysteresis
3
%
Hold Time (Note 6)
tHOLD1
(Note 6)
0.2
ms
UV Debounce Time
tDEB
25
µs
OV Protection Threshold
OVPTHR
Rising
104
107
110
%
OV Protection Threshold
OVPTHF
Falling
105
%
Leakage Current
IRST_LKG
VOUT in regulation, TA = +25°C
1
µA
Output Low Level
VROL
ISINK = 5mA
0.4
V
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com