Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20006 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20006
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20006 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20006 Datasheet HTML 1Page - Maxim Integrated Products MAX20006 Datasheet HTML 2Page - Maxim Integrated Products MAX20006 Datasheet HTML 3Page - Maxim Integrated Products MAX20006 Datasheet HTML 4Page - Maxim Integrated Products MAX20006 Datasheet HTML 5Page - Maxim Integrated Products MAX20006 Datasheet HTML 6Page - Maxim Integrated Products MAX20006 Datasheet HTML 7Page - Maxim Integrated Products MAX20006 Datasheet HTML 8Page - Maxim Integrated Products MAX20006 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX20004/MAX20006/MAX20008 are small, synchro-
nous, automotive buck converter devices with integrated
high-side and low-side MOSFETs. The device family can
deliver up to 8A with input voltages from 3.5V to 36V, while
using only 25μA quiescent current at no load. Voltage qual-
ity can be monitored by observing the RESET signal. The
devices can operate in dropout by running at 98% duty
cycle, making them ideal for automotive applications.
The devices offer fixed output voltages of 5V and 3.3V,
along with the ability to program the output voltage between
1V and 10V. Frequency is resistor programmable from
220kHz to 2.2MHz. The devices offer a forced fixed-fre-
quency PWM mode (FPWM) and skip mode with ultra-low
quiescent current. The devices can be factory programmed
to enable spread-spectrum switching to reduce EMI.
The MAX20004/MAX20006/MAX20008 are available in a
small, 3.5mm x 3.75mm, 17-pin FC2QFN package and use
very few external components.
Applications
● Point-of-Load (PoL) Applications in Automotive
● Distributed DC Power Systems
● Navigation and Radio Head Units
Benefits and Features
● Multiple Functions for Small Size
• Operating VIN Range of 3.5V to 36V
• 25µA Quiescent Current in Skip Mode
• Synchronous DC-DC Converter with
Integrated FETs
• 220kHz to 2.2MHz Adjustable Frequency
• Fixed 5ms Internal Soft-Start
• Programmable 1V to 10V Output, or 3.3V and
5.0V Fixed-Output Options Available
• 98% Duty-Cycle Operation with Low Dropout
• RESET Output
● High Precision
• ±2% Output-Voltage Accuracy
• Good Load-Transient Performance
● Robust for the Automotive Environment
• Current-Mode, Forced-PWM and Skip Operation
• Overtemperature and Short-Circuit Protection
• 3.5mm x 3.75mm 17-Pin FC2QFN
• -40°C to +125°C Operating Temperature Range
• 40V Load-Dump Tolerant
• AEC-Q100 Qualified
Ordering Information appears at end of data sheet.
19-100239; Rev 8; 11/19
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters
Typical Application Circuit
CIN1
4.7µF
L
1µH
CBIAS
2.2µF
SUP
EN
SYNC
RESET
LX
PGND
BST
BIAS
GND
OUT
SUPSW
FB
0.1µF
COUT
CIN2
0.1µF
RRESET
20kΩ
CBST
VOUT
FOSC
COMP
BIAS
12kΩ
22kΩ
1nF
4.7pF
Click
here for production status of specific part numbers.


Similar Part No. - MAX20006

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20006 MAXIM-MAX20006 Datasheet
884Kb / 9P
External Frequency Synchronization (SYNC) Input
Rev 0; 5/18
MAX20006E MAXIM-MAX20006E Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
MAX20006EAFOAVY MAXIM-MAX20006EAFOAVY Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
MAX20006EAFOBVY MAXIM-MAX20006EAFOBVY Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
MAX20006EAFODVY MAXIM-MAX20006EAFODVY Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
More results

Similar Description - MAX20006

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936 MAXIM-MAX16936 Datasheet
2Mb / 17P
36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Rev 1; 4/13
MAX20002 MAXIM-MAX20002_16 Datasheet
579Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
Rev 5; 4/16
logo
Shenzhen Huazhimei Semi...
HM4103 HMSEMI-HM4103 Datasheet
896Kb / 11P
220KHz 36V 4A switch current step-down LED constant current driver
logo
Maxim Integrated Produc...
MAX20004E MAXIM-MAX20004E Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX20408 MAXIM-MAX20408 Datasheet
1Mb / 25P
Automotive 36V, 8A/10A Fully-Integrated Buck
2021
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16936 MAXIM-MAX16936_V01 Datasheet
1Mb / 17P
36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX20002 MAXIM-MAX20002_V01 Datasheet
669Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
logo
Analog Devices
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com