Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1012AEZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMV1012AEZ-R7
Description  17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1012AEZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMV1012AEZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ADMV1012
Data Sheet
Rev. A | Page 6 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
UPPER SIDEBAND (LOW-SIDE LO)
Data taken at VDRF = 3 V, VDLO = 3 V, IDRF = 68 mA, LO = −4 dBm ≤ LO ≤ +4 dBm, −40°C ≤ TA ≤ +85°C, with Mini-Circuits QCN-45+,
power splitter as upper sideband (low-side LO), unless otherwise noted.
20
0
2
4
6
8
10
12
14
16
18
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
RF FREQUENCY (GHz)
+85°C, 3.5GHz IF
+25°C, 3.5GHz IF
–40°C, 3.5GHz IF
+85°C, 3.0GHz IF
+25°C, 3.0GHz IF
–40°C, 3.0GHz IF
+85°C, 2.5GHz IF
+25°C, 2.5GHz IF
–40°C , 2.5GHz IF
Figure 3. Conversion Gain vs. RF Frequency at Various Temperatures and
Various IF Frequencies
0
10
20
30
40
50
60
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
RF FREQUENCY (GHz)
–40°C, 2.5GHz IF
+25°C, 2.5GHz IF
+85°C, 2.5GHz IF
–40°C, 3.0GHz IF
+25°C, 3.0GHz IF
+85°C, 3.0GHz IF
–40°C, 3.5GHz IF
+25°C, 3.5GHz IF
+85°C, 3.5GHz IF
Figure 4. Image Rejection vs. RF Frequency at Various Temperatures and
Various IF Frequencies
12
0
2
4
6
8
10
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
RF FREQUENCY (GHz)
+85°C, 3.5GHz IF
+25°C, 3.5GHz IF
–40°C, 3.5GHz IF
+85°C, 3.0GHz IF
+25°C, 3.0GHz IF
–40°C, 3.0GHz IF
+85°C, 2.5GHz IF
+25°C, 2.5GHz IF
–40°C, 2.5GHz IF
Figure 5. Input IP3 vs. RF Frequency at Various Temperatures and Various
IF Frequencies
20
18
0
2
4
6
8
10
12
14
16
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
RF FREQUENCY (GHz)
+4°C, 3.5GHz IF
0°C, 3.5GHz IF
–4°C, 3.5GHz IF
+4°C, 3.0GHz IF
0°C, 3.0GHz IF
–4°C, 3.0GHz IF
+4°C, 2.5GHz IF
0°C, 2.5GHz IF
–4°C, 2.5GHz IF
Figure 6. Conversion Gain vs. RF Frequency at Various LO Powers and
Various IF Frequencies
0
10
20
30
40
50
60
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
RF FREQUENCY (GHz)
–4dB, 2.5GHz IF
0dB, 2.5GHz IF
+4dB, 2.5GHz IF
–4dB, 3.0GHz IF
0dB, 3.0GHz IF
+4dB, 3.0GHz IF
–4dB, 3.5GHz IF
0dB, 3.5GHz IF
+4dB, 3.5GHz IF
Figure 7. Image Rejection vs. RF Frequency at Various LO Powers and
Various IF Frequencies
12
0
2
4
6
8
10
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
RF FREQUENCY (GHz)
+4dB, 3.5GHz IF
0dB, 3.5GHz IF
–4dB, 3.5GHz IF
+4dB, 3.0GHz IF
0dB, 3.0GHz IF
–4dB, 3.0GHz IF
+4dB, 2.5GHz IF
0dB, 2.5GHz IF
–4dB, 2.5GHz IF
Figure 8. Input IP3 vs. RF Frequency at Various LO Powers and Various IF
Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com