Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1012AEZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMV1012AEZ-R7
Description  17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1012AEZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMV1012AEZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ADMV1012
Data Sheet
Rev. A | Page 10 of 19
IF BANDWIDTH
Data taken at VDRF = 3 V, VDLO = 3 V, IDRF = 68 mA, LO = −4 dBm ≤ LO ≤ +4 dBm at 10 GHz, −40°C ≤ TA ≤ +85°C, with
Mini-Circuits QCN-45+, power splitter, unless otherwise noted.
25
0
5
15
10
20
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.6
3.4
3.8
4.0
IF FREQUENCY (GHz)
+85°C, UPPER
+25°C, UPPER
–40°C, UPPER
+85°C, LOWER
+25°C, LOWER
–40°C, LOWER
Figure 23. Conversion Gain vs. IF Frequency at Various Temperatures and
Sidebands
10
0
2
6
4
8
9
1
5
3
7
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.6
3.4
3.8
4.0
IF FREQUENCY (GHz)
+85°C, UPPER
+25°C, UPPER
–40°C, UPPER
+85°C, LOWER
+25°C, LOWER
–40°C, LOWER
Figure 24. Input IP3 vs. IF Frequency at Various Temperatures and
Sidebands
25
20
0
15
10
5
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.6
3.4
3.8
4.0
IF FREQUENCY (GHz)
+4dBm, UPPER
0dBm, UPPER
–4dBm, UPPER
+4dBm, LOWER
0dBm, LOWER
–4dBm, LOWER
Figure 25. Conversion Gain vs. IF Frequency at Various LO Powers and
Sidebands
10
9
0
2
6
4
8
1
5
3
7
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.6
3.4
3.8
4.0
IF FREQUENCY (GHz)
+4dBm, UPPER
0dBm, UPPER
–4dBm, UPPER
+4dBm, LOWER
0dBm, LOWER
–4dBm, LOWER
Figure 26. Input IP3 vs. IF Frequency at Various LO Powers and Sidebands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com