Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1012AEZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADMV1012AEZ-R7
Description  17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1012AEZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADMV1012AEZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1012AEZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
ADMV1012
Rev. A | Page 15 of 19
APPLICATIONS INFORMATION
The evaluation board and typical application circuit are
optimized for low-side LO (upper sideband) performance
with the Mini-Circuit QCN-45+ RF 90° hybrid. Because the
I/Q mixers are double balanced, the ADMV1012 can support IF
frequencies from 3.5 GHz to low frequency.
TYPICAL APPLICATION CIRCUIT
The typical applications circuit is shown in Figure 34. The
application circuit shown has been replicated for the evaluation
board circuit.
ADMV1012AEZ
25-146-1000-92
25-146-1000-92
25-146-1000-92
25-146-1000-92
5019
5019
5019
1µF
100pF
0.01µF
100pF
QCN-45+
0.01µF
1µF
100pF
0.01µF
1µF
0Ω
0Ω
DUT
VDLO
VDRF
VGRF
R4
IF_OUTPUT_LSB
C9
C3
LO_INPUT
X1
C7
C10
C5
C13
C12
C11
R1
IF_OUTPUT_USB
RF_INPUT
C8
LO_INPUT
RF_INPUT
VDLO
3
24
23
21
19
18
17
8
7
6
5
1
22
20
4
2
1
1
1
4 3 2
4 3 2
4 3 2
4 3 2
1
1
1
6
4
2
5
3
1
1
AGND
AGND
AGND
AGND
AGND
AGND
AGND
PORT_1
PORT_2
GND
50Ω _TERM
GND
SUM_PORT
AGND
AGND
AGND
AGND
NIC
NIC
IF1
NIC
IF2
NIC
NIC
NIC
NIC
NIC
NIC
NIC
GND
RFIN
GND
NIC
Figure 34. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com