Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
ADRF6750
Rev. A | Page 27 of
40
REGISTER MAP
REGISTER MAP SUMMARY
Table 6. Register Map Summary
Register Address (Hex)
Register Name
Type
Description
0x00
CR0
Read/write
Fractional Word 4
0x01
CR1
Read/write
Fractional Word 3
0x02
CR2
Read/write
Fractional Word 2
0x03
CR3
Read/write
Fractional Word 1
0x04
CR4
Read/write
Reserved
0x05
CR5
Read/write
5-bit reference divider enable
0x06
CR6
Read/write
Integer Word 2
0x07
CR7
Read/write
Integer Word 1 and muxout control
0x08
CR8
Read/write
Reserved
0x09
CR9
Read/write
Charge pump current setting
0x0A
CR10
Read/write
Reference frequency control
0x0B
CR11
Read/write
Reserved
0x0C
CR12
Read/write
PLL power-up
0x0D
CR13
Read/write
Reserved
0x0E
CR14
Read/write
TXDIS control
0x0F
CR15
Read/write
Reserved
0x10
CR16
Read/write
Reserved
0x11
CR17
Read/write
Reserved
0x12
CR18
Read/write
Reserved
0x13
CR19
Read/write
Reserved
0x14
CR20
Read/write
Reserved
0x15
CR21
Read/write
Reserved
0x16
CR22
Read/write
Reserved
0x17
CR23
Read/write
Lock detector control
0x18
CR24
Read/write
Autocalibration
0x19
CR25
Read/write
Reserved
0x1A
CR26
Read/write
Reserved
0x1B
CR27
Read/write
LO monitor output and External VCO control
0x1C
CR28
Read/write
Internal VCO power-down
0x1D
CR29
Read/write
Modulator
0x1E
CR30
Read/write
Attenuator
0x1F
CR31
Read only
Reserved
0x20
CR32
Read only
Reserved
0x21
CR33
Read only
Revision code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com