Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ADRF6750
Rev. A | Page 10 of
40
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 5 V, TA = 25°C, I/Q inputs = 0.9 V p-p differential sine waves in quadrature on a 500 mV dc bias, REFIN = 10 MHz, PFD = 20 MHz,
baseband frequency = 1 MHz, LOMONx is off, unless otherwise noted. A nominal condition is defined as 25°C, 5.00 V, and worst-case
frequency. A worst-case condition is defined as having the worst-case temperature, supply voltage, and frequency.
–5
–4
–3
–2
–1
0
1
2
LO FREQUENCY (MHz)
+25°C; 5.00V
+85°C; 4.75V
+85°C; 5.25V
-40°C; 4.75V
-40°C; 5.25V
0°C; 4.75V
0°C; 5.25V
+70°C; 4.75V
+70°C; 5.25V
Figure 5. Output Power vs. LO Frequency, Supply, and Temperature
40
35
30
25
20
15
10
5
0
OUTPUT POWER (dBm)
NOMINAL
WORST CASE
Figure 6. Output Power Distribution at Nominal and
Worst-Case Conditions
–5
–4
–3
–2
–1
0
1
500
750
1000
1250
1500
1750
2000
LO FREQUENCY (MHz)
Figure 7. Output Power vs. LO Frequency for External VCO Mode
at Nominal Conditions
–60
–50
–40
–30
–20
–10
0
LO FREQUENCY (MHz)
+25°C; 5.00V
+85°C; 4.75V
+85°C; 5.25V
–40°C; 4.75V
–40°C; 5.25V
Figure 8. Sideband Suppression vs. LO Frequency, Supply, and Temperature
0
5
10
15
20
25
30
35
SIDEBAND SUPPRESSION (dBc)
NOMINAL
WORST CASE
Figure 9. Sideband Suppression Distribution at Nominal and
Worst-Case Conditions
–80
–75
–70
–65
–60
–55
–50
–45
–40
LO FREQUENCY (MHz)
Figure 10. LO Carrier Feedthrough vs. Attenuation, LO Frequency,
Supply, and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com