Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6750ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6750ACPZ-R7
Description  950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6750ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6750ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6750ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
ADRF6750
Rev. A | Page 13 of
40
–5
–3
–1
–4
–2
0
1
1
10M
100M
1G
I AND Q BASEBAND INPUT FREQUENCY (Hz)
Figure 23. Normalized I and Q Input Bandwidth
–30
–25
–20
–15
–10
–5
0
500
750
1000
1250
1500
1750
2000
OUTPUT FREQUENCY (MHz)
ATTENUATION = 0dB
ATTENUATION = 21dB AND 47dB
Figure 24. Output Return Loss at Worst-Case Attenuation vs.
LO Frequency, Supply, and Temperature
90
80
70
60
50
40
30
20
10
0
1195 1196 1197 1198 1199 1200 1201 1202 1203 1204 1205
LO FREQUENCY (MHz)
LOWER
SIDEBAND
CARRIER
FEEDTHROUGH
SUPPRESSED
SIDEBAND
THIRD
HARMONIC
SECOND
HARMONIC
Figure 25. RF Output Spectral Plot over a 10 MHz Span
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1150
1170
1190
1210
1230
1250
LO FREQUENCY (MHz)
LOWER
SIDEBAND
CARRIER
FEEDTHROUGH
SUPPRESSED
SIDEBAND
THIRD
HARMONIC
LOWER AND UPPER
SECOND HARMONICS
Figure 26. RF Output Spectral Plot over a 100 MHz Span
–80
–70
–60
–50
–40
–30
–20
–10
0
01
2345
FREQUENCY (MHz)
6
789
10
3 × LO
HARMONIC
4 × LO
HARMONIC
2 × LO
HARMONIC
LOWER
SIDEBAND
5 × LO
HARMONIC
8 × LO
HARMONIC
Figure 27. RF Output Spectral Plot over a Wide Span
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
100
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
Figure 28. Phase Noise Performance vs. LO Frequency, Supply,
and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com