Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 4 Page - Analog Devices

  ADRV9002BBCZ Datasheet HTML 1Page - Analog Devices ADRV9002BBCZ Datasheet HTML 2Page - Analog Devices ADRV9002BBCZ Datasheet HTML 3Page - Analog Devices ADRV9002BBCZ Datasheet HTML 4Page - Analog Devices ADRV9002BBCZ Datasheet HTML 5Page - Analog Devices ADRV9002BBCZ Datasheet HTML 6Page - Analog Devices ADRV9002BBCZ Datasheet HTML 7Page - Analog Devices ADRV9002BBCZ Datasheet HTML 8Page - Analog Devices ADRV9002BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 92
Electrical characteristics are at the operating ambient temperature range, VDDA_1P0 = 1.0 V, VDDA_1P3 = 1.3 V, VDDA_1P8 = 1.8 V,
VDD_1P0 = 1.0 V, and VDD_1P8 = 1.8 V.
TRANSMITTER SPECIFICATIONS
Table 1. Transmitters (Tx1 and Tx2)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CENTER FREQUENCY
30
6000
MHz
TRANSMITTER SYNTHESIS
BANDWIDTH
0.012
40
MHz
Zero-IF mode, see the DPD section for more information
BANDWIDTH FLATNESS
0.1
dB
10 MHz bandwidth span, including digital compensation
DEVIATION FROM LINEAR PHASE
1
Degrees
40 MHz bandwidth
POWER CONTROL RANGE
In-Phase (I) and Quadrature (Q) Mode
42
dB
Direct Modulation Mode
12
dB
POWER CONTROL RESOLUTION
I and Q Mode
0.05
dB
Direct Modulation Mode
0.5
dB
IN BAND NOISE FLOOR
−154
dBFS1/Hz
0 dB attenuation, in band noise falls 1 dB for each dB of attenuation for
attenuation settings between 0 dB and 20 dB
OUT OF BAND NOISE FLOOR
−156
dBFS/Hz
0 dB attenuation with 3 × bandwidth/2 offset
Tx1 TO Tx2 ISOLATION
30 MHz
98
dB
470 MHz
97
dB
900 MHz
93
dB
2400 MHz
93
dB
3500 MHz
79
dB
5800 MHz
70
dB
IMAGE REJECTION WITH
INITIALIZATION CALIBRATION ONLY
Wideband
Up to 20 dB transmitter attenuation, 40 MHz bandwidth, 0 dB observation
receiver attenuation, 18 MHz continuous wave2 signal input, QEC3 tracking
calibration is disabled
50 MHz
55
dBc
470 MHz
63
dBc
900 MHz
59
dBc
2400 MHz
60
dBc
3500 MHz
57
dBc
5800 MHz
55
dBc
Narrow-Band
Up to 20 dB transmitter attenuation, 25 kHz bandwidth, 0 dB observation
receiver attenuation, 2.1 kHz continuous wave2 signal input, QEC tracking
calibration is disabled
30 MHz
61
dBc
470 MHz
68
dBc
900 MHz
65
dBc
2400 MHz
60
dBc
3500 MHz
50
dBc
5800 MHz
50
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com