Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 21Page - Analog Devices ADRV9002BBCZ Datasheet HTML 22Page - Analog Devices ADRV9002BBCZ Datasheet HTML 23Page - Analog Devices ADRV9002BBCZ Datasheet HTML 24Page - Analog Devices ADRV9002BBCZ Datasheet HTML 25Page - Analog Devices ADRV9002BBCZ Datasheet HTML 26Page - Analog Devices ADRV9002BBCZ Datasheet HTML 27Page - Analog Devices ADRV9002BBCZ Datasheet HTML 28Page - Analog Devices ADRV9002BBCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
Data Sheet
ADRV9002
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 25 of 92
Table 17. Pin Function Descriptions
Pin No.
Type
Mnemonic
Description
N12
Output
RX1_QDATA_OUT−
In LVDS SSI mode, RX1_QDATA_OUT− is the Rx1 Q sample data output positive side. In CMOS SSI
mode, RX1_QDATA_OUT− is the Rx1 Data Output 2. If unused, do not connect RX1_QDATA_OUT−.
N13
Output
RX1_STROBE_OUT+
In LVDS SSI mode, RX1_STROBE_OUT+ is the Rx1 strobe output positive side. In CMOS SSI mode,
RX1_STROBE_OUT+ is the Rx1 strobe output. If unused, do not connect RX1_STROBE_OUT+.
N14
Output
RX1_STROBE_OUT−
In LVDS SSI mode, RX1_STROBE_OUT− is the Rx1 strobe output negative side. In CMOS SSI mode,
RX1_STROBE_OUT− is not used. If unused, do not connect RX1_STROBE_OUT−.
P2
Input
TX2_STROBE_IN+
In LVDS SSI mode, TX2_STROBE_IN+ is the Tx2 strobe input positive side. In CMOS SSI mode,
TX2_STROBE_IN+ is the Tx2 strobe input. If unused, do not connect TX2_STROBE_IN+.
P3
Input and
Output
TX2_STROBE_IN−
In LVDS SSI mode, TX2_STROBE_IN− is the Tx2 strobe input negative side. In CMOS SSI
mode, TX2_STROBE_IN− is the Tx2 reference data clock output. If unused, do not connect
TX2_STROBE_IN−.
P4
Input
TX2_QDATA_IN−
In LVDS SSI mode, TX2_QDATA_IN− is the Tx2 Q sample data input negative side. In CMOS SSI mode,
TX2_QDATA_IN− is the Tx2 Data Input 2. If unused, do not connect TX2_QDATA_IN−.
P5
Input
TX2_QDATA_IN+
In LVDS SSI mode, TX2_QDATA_IN+ is the Tx2 Q sample data input positive side. In CMOS SSI mode,
TX2_QDATA_IN+ is the Tx2 Data Input 3. If unused, do not connect TX2_QDATA_IN+.
P6
Input
TX2_IDATA_IN+
In LVDS SSI mode, TX2_IDATA_IN+ is the Tx2 I sample data input positive side or the Tx2 I and Q
sample data input positive side. In CMOS SSI mode, TX2_IDATA_IN+ is the Tx2 Data Input 1. If unused,
do not connect TX2_IDATA_IN+.
P7
Input
TX2_IDATA_IN−
In LVDS SSI mode, TX2_IDATA_IN− is the Tx2 I sample data input negative side or the Tx2 I and Q
sample data input negative side. In CMOS SSI mode, TX2_IDATA_IN− is the Tx2 Data Input 0 or the Tx2
I and Q sample data input. If unused, do not connect TX2_IDATA_IN−.
P8
Input
TX1_IDATA_IN−
In LVDS SSI mode, TX1_IDATA_IN− is the Tx1 I sample data input negative side or the Tx1 I and Q
sample data input negative side. In CMOS SSI mode, TX1_IDATA_IN− is the Tx1 Data Input 0 or the Tx1
I and Q sample data input. If unused, do not connect TX1_IDATA_IN−.
P9
Input
TX1_IDATA_IN+
In LVDS SSI mode, TX1_IDATA_IN+ is the Tx1 I sample data input positive side or the Tx1 I and Q
sample data input positive side. In CMOS SSI mode, TX1_IDATA_IN+ is the Tx1 Data Input 1. If unused,
do not connect TX1_IDATA_IN+.
P10
Input
TX1_QDATA_IN+
In LVDS SSI mode, TX1_QDATA_IN+ is the Tx1 Q sample data input positive side. In CMOS SSI mode,
TX1_QDATA_IN+ is the Tx1 Data Input 3. If unused, do not connect TX1_QDATA_IN+.
P11
Input
TX1_QDATA_IN−
In LVDS SSI mode, TX1_QDATA_IN− is the Tx1 Q sample data input negative side. In CMOS SSI mode,
TX1_QDATA_IN− is the Tx1 Data Input 2. If unused, do not connect TX1_QDATA_IN−.
P12
Input and
Output
TX1_STROBE_IN−
In LVDS SSI mode, TX1_STROBE_IN− is the Tx1 strobe input negative side. In CMOS SSI
mode, TX1_STROBE_IN− is the Tx1 reference data clock output. If unused, do not connect
TX1_STROBE_IN−.
P13
Input
TX1_STROBE_IN+
In LVDS SSI mode, TX1_STROBE_IN+ is the Tx1 strobe input positive side. In CMOS SSI mode,
TX1_STROBE_IN+ is the Tx1 strobe input. If unused, do not connect TX1_STROBE_IN+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com