Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADRV9002BBCZ Datasheet HTML 1Page - Analog Devices ADRV9002BBCZ Datasheet HTML 2Page - Analog Devices ADRV9002BBCZ Datasheet HTML 3Page - Analog Devices ADRV9002BBCZ Datasheet HTML 4Page - Analog Devices ADRV9002BBCZ Datasheet HTML 5Page - Analog Devices ADRV9002BBCZ Datasheet HTML 6Page - Analog Devices ADRV9002BBCZ Datasheet HTML 7Page - Analog Devices ADRV9002BBCZ Datasheet HTML 8Page - Analog Devices ADRV9002BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
Data Sheet
ADRV9002
Dual Narrow-Band and Wideband RF Transceiver
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
2 × 2 highly integrated transceiver
►
Frequency range of 30 MHz to 6000 MHz
►
Transmitter and receiver bandwidth from 12 kHz to 40 MHz
►
Two fully integrated, fractional-N, RF synthesizers
►
LVDS and CMOS synchronous serial data interface options
►
Low power monitor and sleep modes
►
Multichip synchronization capabilities
►
Fast frequency hopping
►
Dynamic profile switching for dynamic data rates and sample
rates
►
Fully integrated DPD for narrow-band and wideband waveforms
►
Fully programmable via a 4-wire SPI
►
12 mm × 12 mm, 196-ball CSP_BGA
APPLICATIONS
►
Mission critical communications
►
Very high frequency (VHF), ultrahigh frequency (UHF), and cellu-
lar to 6 GHz
►
Time division duplexing (TDD) and frequency division duplexing
(FDD) applications
GENERAL DESCRIPTION
The ADRV9002 is a highly integrated RF transceiver that has
dual-channel transmitters, dual-channel receivers, integrated syn-
thesizers, and digital signal processing functions.
The ADRV9002 is a high performance, highly linear, high dynamic
range transceiver designed for performance vs. power consumption
system optimization. The device is configurable and ideally suited
to demanding, low power, portable and battery powered equipment.
The ADRV9002 operates from 30 MHz to 6000 MHz and covers the
UHF, VHF, industrial, scientific, and medical (ISM) bands, and cellu-
lar frequency bands in narrow-band (kHz) and wideband operation
up to 40 MHz. The ADRV9002 is capable of both TDD and FDD
operation.
The transceiver consists of direct conversion signal paths with
state-of-the-art noise figure and linearity. Each complete receiver
and transmitter subsystem includes dc offset correction, quadrature
error correction (QEC), and programmable digital filters, which
eliminate the need for these functions in the digital baseband. In ad-
dition, several auxiliary functions, such as auxiliary analog-to-digital
converters (ADCs), auxiliary digital-to-analog converters (DACs),
and general-purpose inputs/outputs (GPIOs), are integrated to pro-
vide additional monitoring and control capability.
The fully integrated phase-locked loops (PLLs) provide high per-
formance, low power, fractional-N frequency synthesis for the trans-
mitter, receiver, and clock sections. Careful design and layout tech-
niques provide the isolation required in high performance personal
radio applications.
All voltage controlled oscillator (VCO) and loop filter components
are integrated to minimize the external component count. The local
oscillators (LOs) have flexible configuration options and include fast
lock modes.
The transceiver includes low power sleep and monitor modes to
save power and extend the battery life of portable devices while
monitoring communications.
The fully integrated, low power digital predistortion (DPD) is opti-
mized for both narrow-band and wideband signals and enables
linearization of high efficiency power amplifiers.
The ADRV9002 core can be powered directly from 1.0 V, 1.3 V,
and 1.8 V regulators and is controlled via a standard 4-wire serial
port. Other voltage supplies are used to provide proper digital inter-
face levels and to optimize the receiver, transmitter, and auxiliary
converter performance.
High data rate and low data rate interfaces are supported using
configurable CMOS or low voltage differential signaling (LVDS)
serial synchronous interface (SSI) choice.
The ADRV9002 is packaged in a 12 mm × 12 mm, 196-ball chip
scale package ball grid array (CSP_BGA).


Similar Part No. - ADRV9002BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRV9002BBCZ AD-ADRV9002BBCZ Datasheet
13Mb / 100P
Dual Narrow-Band and Wideband RF Transceiver
Rev. A
ADRV9002BBCZ-RL AD-ADRV9002BBCZ-RL Datasheet
13Mb / 100P
Dual Narrow-Band and Wideband RF Transceiver
Rev. A
More results

Similar Description - ADRV9002BBCZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
Narrow Band Radio Transceiver
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
VHF Narrow Band FM transceiver
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
UHF Narrow Band Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
UHF Narrow Band FM Transceiver
logo
Analog Devices
ADF7021BCPZ-RL AD-ADF7021BCPZ-RL Datasheet
1Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. B
logo
Radiometrix Ltd
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
UHF Narrow Band FM Transceiver
logo
Analog Devices
ADRV9004 AD-ADRV9004 Datasheet
11Mb / 92P
Dual Narrow-Band and Wideband RF Transceiver
5/2021-Revision 0
ADRV9003 AD-ADRV9003 Datasheet
2Mb / 36P
Narrow/Wideband RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com