Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB251 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FUSB251
Description  Type-C CC and SBU Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB251 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FUSB251 Datasheet HTML 9Page - ON Semiconductor FUSB251 Datasheet HTML 10Page - ON Semiconductor FUSB251 Datasheet HTML 11Page - ON Semiconductor FUSB251 Datasheet HTML 12Page - ON Semiconductor FUSB251 Datasheet HTML 13Page - ON Semiconductor FUSB251 Datasheet HTML 14Page - ON Semiconductor FUSB251 Datasheet HTML 15Page - ON Semiconductor FUSB251 Datasheet HTML 16Page - ON Semiconductor FUSB251 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
FUSB251
www.onsemi.com
13
DEVICE ID
Address: 01h
Reset Value: 0x100X_XXXX
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Description
7:4
Device ID
R
4
1000 : OPT_A
3:2
Product ID
R
2
00 : FUSB251UCX(Default)
1:0
Revision ID
R
2
00 : RevA
01 : RevB
10 : RevC
11 : RevD
CONTROL
Address: 02h
Reset Value: 0x0000_0000
Type: Read / Write
Bit #
Name
R/W/C
Size (Bits)
Description
7
Debug_Acc
R/W
1
1 : Support Debug_Accessory detection
6
NU
R
1
1 : Do not use
5
EN_DRY
R/W
1
1 : Enable Dry check
4
AUTO_EN_SBU
R/W
1
1 : Enable Auto_EN_SBU
3
EN_SBUFT
R/W
1
1 : Enable float voltage detection on SBU
2
EN_SBU_MOS
R/W
1
1 : Enable moisture detection on SBU with voltage source
1
EN_CC_MOS
R/W
1
1 : Enable moisture detection on CC with voltage source
0
MAN_SW
R/W
1
1 : Enable manual mode switch control
INTERRUPT
Address: 03h
Reset Value: 0x0000_0000
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Description
7:6
NU
R
2
Do not use
5
CC2_TIMER
R
1
1 : CC2 Timer interrupt
4
CC1_TIMER
R
1
1 : CC1 Timer interrupt
3
DRY_CHG
R
1
1 : Dry status change interrupt
2
MOS_CHG
R
1
1 : Moisture status change interrupt
1
OVP_REC
R
1
1 : OVP Recovery interrupt
0
OVP
R
1
1 : OVP interrupt
INTERRUPT_MASK
Address: 04h
Reset Value: 0x0000_0000
Type: Read / Write
Bit #
Name
R/W/C
Size (Bits)
Description
7:6
NU
R/W
2
Do not use
5
Mask_CC2_Timer
R/W
1
1 : Mask CC2 Timer interrupt
4
Mask_CC1_Timer
R/W
1
1 : Mask CC1 Timer interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com