Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB251 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FUSB251
Description  Type-C CC and SBU Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB251 Datasheet(HTML) 3 Page - ON Semiconductor

  FUSB251 Datasheet HTML 1Page - ON Semiconductor FUSB251 Datasheet HTML 2Page - ON Semiconductor FUSB251 Datasheet HTML 3Page - ON Semiconductor FUSB251 Datasheet HTML 4Page - ON Semiconductor FUSB251 Datasheet HTML 5Page - ON Semiconductor FUSB251 Datasheet HTML 6Page - ON Semiconductor FUSB251 Datasheet HTML 7Page - ON Semiconductor FUSB251 Datasheet HTML 8Page - ON Semiconductor FUSB251 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
FUSB251
www.onsemi.com
3
PRODUCT PIN ASSIGNMENTS
Pin Configuration
Figure 2. Pin Configuration
CC2
CAP
SBU1
SBU2
CC2_H
GND
SBU1_H
SBU2_H
SCL
SDA
VDD
CC1
INTB
CC1_H
FM
1
23
A
B
C
D
E
CC2
CAP
SBU1
SBU2
CC2_H
GND
SBU1_H
SBU2_H
SCL
SDA
VDD
CC1_H
INTB
CC1
FM
1
2
3
A
B
C
D
E
Top through View
Bottom View
Pin Descriptions
PIN DESCRIPTIONS
Pin#
Name
Type
Description
C1
GND
Ground
GND
A2
VDD
Power
Power
A3
CC1
I/O
Type−C CC interface. Connect to USB Type−C connector CC1 pin
B3
CC2
I/O
Type−C CC interface. Connect to USB Type−C connector CC2 pin
A1
CC1_H
I/O
Type−C CC Host interface, Connect to USB Type−C controller CC1 pin
B1
CC2_H
I/O
Type−C CC Host interface, Connect to USB Type−C controller CC2 pin
D3
SBU1
I/O
Type−C SBU interface, Connect to USB Type−C connector SBU1 pin
E3
SBU2
I/O
Type−C SBU interface, Connect to USB Type−C connector SBU2 pin
D1
SBU1_H
I/O
Type−C SBU Host Interface, Connect to Host side SBU1 application pin
E1
SBU2_H
I/O
Type−C SBU Host Interface, Connect to Host side SBU2 application pin.
E2
FM
I/O
Factory test mode pin, Connect to ADC input of host processor. If not
used, connect to GND. FM can be switched over to one of SBU.
C3
CAP
O
Capacitor pin, Connect to 0.1 mF capacitor to GND
B2
SCL
Open Drain Input I2C interface, Pull up to Vdd is required, Connect to SCL pin of Processor
C2
SDA
Open Drain I/O
I2C interface, Pull up to Vdd is required, Connect to SDA pin of Processor
D2
INTB
Open Drain Output Interrupt for Host alert, Pull−up to VDD required, Connect to processor
Interrupt input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com