Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB251 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FUSB251
Description  Type-C CC and SBU Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB251 Datasheet(HTML) 2 Page - ON Semiconductor

  FUSB251 Datasheet HTML 1Page - ON Semiconductor FUSB251 Datasheet HTML 2Page - ON Semiconductor FUSB251 Datasheet HTML 3Page - ON Semiconductor FUSB251 Datasheet HTML 4Page - ON Semiconductor FUSB251 Datasheet HTML 5Page - ON Semiconductor FUSB251 Datasheet HTML 6Page - ON Semiconductor FUSB251 Datasheet HTML 7Page - ON Semiconductor FUSB251 Datasheet HTML 8Page - ON Semiconductor FUSB251 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
FUSB251
www.onsemi.com
2
APPLICATION DIAGRAM
Figure 1. Application Diagram
PART NUMBERING
ORDERING INFORMATION
Part Number
Temperature Range
Package
Packing Method †
FUSB251UCX
−40 to 85°C
WLCSP, 3 x 5 array, 15 ball,
1.49 mm x 2.06 mm
Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com