Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MATPH Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MATPH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MATPH Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MATPH Datasheet HTML 1Page - M-System Co.,Ltd. MATPH Datasheet HTML 2Page - M-System Co.,Ltd. MATPH Datasheet HTML 3Page - M-System Co.,Ltd. MATPH Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: MATPH
MATPH SPECIFICATIONS
ES-8160 Rev.3 Page 3/4
https://www.m-system.co.jp/
CONNECTION EXAMPLES
Blocking Diode
Distribution Board
Blocking Diode
10m min.
L+
L−
Photovoltaic
Array
DC
AC
■ CONNECTION DIAGRAM
■ CIRCUIT BREAKER POSITION
If you want to use circuit breaker as SPD maintenance switch, insert a wiring MCCB for DC on SPD power side (diagram below).
Even when the output current of solar cell array is low, use 20 AT or more for wiring MCCB.
*2, *3
L+
L−
*2, *3
*1
L+
L
–
L+
L−
Wiring MCCB
*1. When the wiring distance is longer than 10 m between the power conditioner and the surge protector in the switch gear, install near the power
conditioner.
*2. Cable length between the branch point and the earthing: 0.5 m or less recommended
*3. When the solar panel manufacturer requires earthing at negative line of DC side, do NOT use the earth terminal of the SPD but use the
L- terminal. If also, earthing at positive line is necessary, earth the L+ terminal.
Solar Cell
Array
Solar Cell
Array
Solar Cell
Array
Switch Gear
Common Enclosure
Switch Gear
L+
L
–
L+
L
–
L+
L
–
SPD
SPD
SPD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com