Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MATPH Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MATPH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MATPH Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MATPH Datasheet HTML 1Page - M-System Co.,Ltd. MATPH Datasheet HTML 2Page - M-System Co.,Ltd. MATPH Datasheet HTML 3Page - M-System Co.,Ltd. MATPH Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MATPH
MATPH SPECIFICATIONS
ES-8160 Rev.3 Page 2/4
https://www.m-system.co.jp/
Line to line: 3.3 kV (@In)
Line to earth: 2.1 kV (@In)
Maximum discharge current (Imax): 20 kA (8/ 20 μs)
Nominal discharge current (In): 10 kA (8/ 20 μs)
Response time:
Line to line: ≤ 4 nsec.
Line to earth: ≤ 20 nsec.
Leakage current: ≤ 1 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC (line to
alarm output)
Dielectric strength: 2000 V AC @ 1 minute (line to alarm
output)
Surge protection: IEC 61643-1 Class II
EN 61643-11 Class II
STANDARDS & APPROVALS
Refer to the manuals to comply with the standards.
EU conformity:
Low Voltage Directive
EN 61643-11
RoHS Directive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com