Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MATPH Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MATPH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MATPH Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MATPH Datasheet HTML 1Page - M-System Co.,Ltd. MATPH Datasheet HTML 2Page - M-System Co.,Ltd. MATPH Datasheet HTML 3Page - M-System Co.,Ltd. MATPH Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MATPH
MATPH SPECIFICATIONS
ES-8160 Rev.3 Page 1/4
https://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
SURGE PROTECTOR FOR PHOTOVOLTAIC SYSTEM
(750V DC,1000V DC USE)
Functions & Features
• Surge protection for photovoltaic array and power
conditioner.
• High discharge current capacity 20 kA
• Degraded head element is automatically separated from
the power lines by the incorporated thermal breaker, and
the LED lamp (turns off) and the relay contact alerts the
failure status.
• Breakdown of the surge protector remotely detected with
the alarm output
• Photovoltaic system's resistance to earth is measurable
without removing the SPD due to spark gap employed
between line and earth.
MODEL: MATPH–[1]M[2]
ORDERING INFORMATION
• Code number: MATPH-[1]M[2]
Specify a code from below for each of [1] and [2].
(e.g.MATPH-1000MA)
[1] OPERATIONAL VOLTAGE
750: 750 V DC
1000: 1000 V DC
MAXIMUM DISCHARGE CURRENT
M: 20kA (8/20 μsec.)
[2] ALARM OUTPUT
A: With
Y: Without
GENERAL SPECIFICATIONS
Construction: Standalone; terminal access at the front
Degree of protection: IP20 (If the solderless terminals are
covered with insulation tubes.)
Surge protection type: One-port combination type SPD
Connection
Line: M5 screw terminal (torque: 2.5 N·m)
Alarm output: Tension clamp
Applicable wire size
Line: See the drawing below.
Alarm output: 0.13 to 1.5 mm2, stripped length 8 mm
Screw terminal
Line: Nickel-plated steel
Alarm output: Tin-plated copper alloy
Housing material: Flame-resistant resin (black)
Alarm output: Trips when the thermal breaker operates.
(N.C. contact)
Rated load:
250 V AC @50 mA (resistive load)
24 V DC @50 mA (resistive load)
Safety function: Thermal breaker incorporated
Monitor LED: Green LED turns on during normal conditions
(100 V DC to operational votage), and turns off during
failure condition, power off and the thermal breaker
operating.
F
d : M5 use
B ≤ 12.5 mm
F ≥ 7.0 mm
(F ≥ 8.2 mm for sharing terminals)
T ≤ 1.8 mm
• Applicable Solderless Terminal Size
diameter d
INSTALLATION
Operating temperature: -25 to +80°C (-13 to +176°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: DIN Rail
Weight: 200 g (0.44 lb)
PERFORMANCE
Max. continuous operating voltage (Uc, Line to line):
750 V DC for MATPH-750
1000 V DC for MATPH-1000
Discharge voltage (Line to earth): 500 V DC
Voltage protection level (Up):
• MATPH-750
Line to line: 2.5 kV (@In)
Line to earth: 1.8 kV (@In)
• MATPH-1000


Similar Part No. - MATPH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Apex Electronics Co., L...
MATP APEX-ELECTRONICS-MATP Datasheet
432Kb / 2P
15*13mm rotary switch, SMD, optional illumination
logo
M-System Co.,Ltd.
MATP-600HA MSYSTEM-MATP-600HA Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP-600HY MSYSTEM-MATP-600HY Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP-600MA MSYSTEM-MATP-600MA Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MATPH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com