Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT3 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # MAT3
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAT3 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  MAT3 Datasheet HTML 1Page - M-System Co.,Ltd. MAT3 Datasheet HTML 2Page - M-System Co.,Ltd. MAT3 Datasheet HTML 3Page - M-System Co.,Ltd. MAT3 Datasheet HTML 4Page - M-System Co.,Ltd. MAT3 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: MAT3
MAT3 SPECIFICATIONS
ES-8164 Rev.3 Page 5/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
45°
(WIRE INSERTION ANGLE)
DIN RAIL
35mm wide
[3.4 (.13)]
60 (2.36)
80 (3.15)
* Open/close type.
** Only for ‘Alarm output’ code ‘A’.
5–M5 SCREW
TERMINAL COVER
*
MONITOR LED
SPECIFICATION
ALARM OUTPUT **
TERMINAL
50 (1.97)
15 (.59) 15 (.59)
15 (.59)
12.5 (.49)
A1
A2
C
1
2
N
PE
3
SCHEMATIC CIRCUITRY
2
1
PE
N
3
ѳ
ѳ
ѳ
ѳ
Monitor LED
ѳ: Thermal breaker
Note: Terminals C, A1 & A2 are available for ‘Alarm output’ code ‘A.’
The schematic shows the relay contact status of a thermal trip
or power off.
Alarm
Output
Circuit
A2
C
A1
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com