Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT3 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MAT3
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAT3 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MAT3 Datasheet HTML 1Page - M-System Co.,Ltd. MAT3 Datasheet HTML 2Page - M-System Co.,Ltd. MAT3 Datasheet HTML 3Page - M-System Co.,Ltd. MAT3 Datasheet HTML 4Page - M-System Co.,Ltd. MAT3 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: MAT3
MAT3 SPECIFICATIONS
ES-8164 Rev.3 Page 2/5
http://www.m-system.co.jp/
PERFORMANCE
Response time: ≤ 3 nanoseconds (≤ 20 nanoseconds for N to PE)
Insulation resistance: ≥ 100 MΩ with 500 V DC (line to alarm output)
Dielectric strength: 2000 V AC @1 minute (line to alarm output)
Surge protection: IEC 61643-11 Class II
EN 61643-11 Class II
MODEL
MAX. CONTINUOUS
OPERATING VOLTAGE
(Uc)
DISCHARGE
VOLTAGE
(Vmin)
VOLTAGE
PROTECTION
LEVEL
(Up)
OPERATIONAL VOLTAGE RANGE *1
(50 / 60Hz)
MAT3-240
Between lines: 240 V AC
N to PE: 320 V AC
Between lines: 400V
N to PE: 680V
1500
1-phase/2-wire, 3-phase/3-wire: 90 – 240V AC
1-phase/3-wire: 90 / 180 – 120 / 240V AC
3-phase/4-wire: 170 – 240V AC
MODEL
MAX. LEAKAGE CURRENT @Uc
ALARM OUTPUT
WITH
WITHOUT
MAT3-240
Line to Line
1 to 2
28mA *2
6mA *3
Other sections
2mA
2mA
N to PE
10µA
10µA
*1. MAT3 is operational as an SPD despite the voltage less than the minimum. However, the functions of the monitor LED and the alarm
output are not guaranteed.
*2. Approx. 12mA @100V AC
*3. Approx. 3mA @100V AC
MODEL
MAX. DISCHARGE CURRENT (Imax)
NOMINAL DISCHARGE CURRENT (In)
MAT3-240xMx
20kA (8/20µsec)
10kA (8/20µsec)
STANDARDS & APPROVALS
EU conformity:
Low Voltage Directive
EN 61643-11
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com