Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT3 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MAT3
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAT3 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MAT3 Datasheet HTML 1Page - M-System Co.,Ltd. MAT3 Datasheet HTML 2Page - M-System Co.,Ltd. MAT3 Datasheet HTML 3Page - M-System Co.,Ltd. MAT3 Datasheet HTML 4Page - M-System Co.,Ltd. MAT3 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MAT3
MAT3 SPECIFICATIONS
ES-8164 Rev.3 Page 1/5
http://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR
FOR THREE-PHASE POWER SUPPLY
Functions & Features
• Connected in parallel between the power and earth lines
regardless of load current
• Applicable to single phase 2/3-wire and threephase 3/4-
wire system
• High discharge current capacity 20 kA or 40 kA (8/20 μs)
• Degraded head element is automatically separated from
the power lines by the incorporated thermal breaker, and
the LED lamp (turns off) and the relay contact alerts the
failure status.
• Complies with IEC 61643-11 Class II
Typical Applications
• Low-voltage distribution board
• Combination with installation for large load current
50 (1.97)
mm (inch)
98
(3.86)
60 (2.36)
MODEL: MAT3–240[1]M[2]
ORDERING INFORMATION
• Code number: MAT3-240[1]M[2]
Specify a code from below for each of [1] and [2].
(e.g. MAT3-2403MY)
OPERATIONAL VOLTAGE
240: 240 V AC
[1] POWER SYSTEM
3: Single-phase 2/3-wire, Three-phase 3-wire
4: Single-phase 2/3-wire, Three-phase 3/4-wire
MAXIMUM DISCHARGE CURRENT
M: 20kA (8/20 μsec.)
[2] ALARM OUTPUT
A: With
Y: Without
GENERAL SPECIFICATIONS
Construction: Standalone; terminal access at the front
Degree of protection: IP20 (If the solderless terminals are
covered with insulation tubes.)
Surge protection type: Voltage limiting type one-port SPD
Connection
Line: M5 screw terminal (torque: 2.5 N·m)
Alarm output: Tension clamp
Applicable wire size
Line: See the drawing below.
Alarm output: 0.13 to 1.5 mm2, stripped length 8 mm
Screw terminal
Line: Nickel-plated steel
Alarm output: Tin-plated copper alloy
Housing material: Flame-resistant resin (black)
Alarm output: SPDT relay contact trips when the thermal
breaker operates.
OUTPUT TERMINAL A1 – C
Normal: Open
Failure or power off: Close
OUTPUT TERMINAL A2 – C
Normal: Close
Failure or power off: Open
Rated load:
250 V AC @1 A (resistive load)
24 V DC @1 A (resistive load)
Safety function: Thermal breaker incorporated
Monitor LED: Green LED turns on during normal condition
and turns off during failure condition, power off or the
thermal breaker operating.
F
d : M5 use
B ≤ 13.0 mm
F ≥ 7.0 mm
(F ≥ 8.2 mm for sharing terminals)
T ≤ 1.8 mm
• Applicable Solderless Terminal Size
diameter d
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 5 to 95 %RH (non-condensing)
Mounting: DIN Rail
Weight: 300 g (0.66 lb)


Similar Part No. - MAT3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAT MACOM-MAT Datasheet
102Kb / 2P
TO-5 HIGH-PERFORMANCE RELAYS
logo
Schurter Inc.
MAT SCHURTER-MAT Datasheet
155Kb / 3P
Special Fuse, 14 x 50 mm
logo
United Automation Ltd. ...
MAT UNITEDAUTOMATION-MAT Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
logo
Sennheiser electronic S...
MAT 153-S SENNHEISER-MAT 153-S Datasheet
640Kb / 3P
Gooseneck Microphone and Tablestand
MAT 153-S B - BLACK SENNHEISER-MAT 153-S B - BLACK Datasheet
640Kb / 3P
Gooseneck Microphone and Tablestand
More results

Similar Description - MAT3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com