Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAKF Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MAKF
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAKF Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MAKF Datasheet HTML 1Page - M-System Co.,Ltd. MAKF Datasheet HTML 2Page - M-System Co.,Ltd. MAKF Datasheet HTML 3Page - M-System Co.,Ltd. MAKF Datasheet HTML 4Page - M-System Co.,Ltd. MAKF Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: MAKF
MAKF SPECIFICATIONS
ES-8143 Rev.3 Page 3/5
http://www.m-system.co.jp/
POWER SYSTEM
MODEL NO.
3-phase/3-wire, 200V AC
MAKF-240x
3-phase/3-wire, 220V AC
MAKF-240x
3-phase/3-wire, 400V AC
MAKF-400x
3-phase/3-wire, 440V AC
MAKF-480x
•Three-phase/3-wire (delta connection)
MAKF
L1
L2
L3
(N)
G
Power
Source
Protected
Device
Circuit
Breaker
POWER SYSTEM
MODEL NO.
3-phase/4-wire, 200/115V AC
MAKF-240x
3-phase/4-wire, 220/127V AC
MAKF-240x
3-phase/4-wire, 380/220V AC
MAKF-400x
3-phase/4-wire, 415/240V AC
MAKF-480x
•Three-phase/4-wire (star connection, TT system)
MAKF
G
L1
L2
L3
N
Power
Source
Protected
Device
Circuit
Breaker
POWER SYSTEM
MODEL NO.
3-phase/4-wire, 200/115V AC
MAKF-120x
3-phase/4-wire, 400/230V AC
MAKF-240x
3-phase/4-wire, 480/277V AC
MAKF-280x
3-phase/4-wire, 690/400V AC
MAKF-400x
•Three-phase/4-wire (star connection, TN system)
MAKF
G
Circuit
Breaker
L1
L2
L3
PEN
Power
Source
Protected
Device
■ALARM OUTPUT
When the alarm output is to be transmitted remotely via
outdoor cables, a surge protector for the signal line is re-
quired.
Choose a circuit breaker with alarm output. Configure a
logical addition sequence so that the alarm trips when both
or either of the MAKF or the breaker alarm trips.
■CONNECTION EXAMPLES BY POWER SYSTEMS
Abnormal voltages appearing in case of a light load or a
ground loop must be within the maximum continuous op-
erational voltage when selecting the MAKF models.
For example, the IEC 60364-5-534 (Electrical installations
of building; devices for protection against overvoltages) re-
quires margins determined by the equations below:
POWER SYSTEM
Uc (Max. Continuous Operational Voltage)
3ph/4w, Y connec, TT system
Uc ≥ 1.5 × Phase Voltage
3ph/4w, Y connec, TN system
Uc ≥ 1.1 × Phase Voltage
3ph/4w, Y connec, IT system
Uc ≥ Line Voltage
POWER SYSTEM
MODEL NO.
1-phase/2-wire, 100V AC
MAKF-120x
1-phase/2-wire, 200V AC
MAKF-240x
1-phase/2-wire, 250V AC
MAKF-240x
POWER SYSTEM
MODEL NO.
1-phase/2-wire, 100V AC
MAKF-240x
1-phase/2-wire, 200V AC
MAKF-400x
1-phase/3-wire, 200/100V AC
MAKF-240x
1-phase/3-wire, 400/200V AC
MAKF-400x
MAKF
Power
Source
L
N
G
Protected
Device
Circuit
Breaker
MAKF
Power
Source
L1
N
L2
G
Protected
Device
Circuit
Breaker
•Single-phase/2-wire
(three-phase delta connection grounded in the middle of
phases) or single-phase/3-wire connection
•Single-phase/2-wire connection



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com