Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAKF Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MAKF
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAKF Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MAKF Datasheet HTML 1Page - M-System Co.,Ltd. MAKF Datasheet HTML 2Page - M-System Co.,Ltd. MAKF Datasheet HTML 3Page - M-System Co.,Ltd. MAKF Datasheet HTML 4Page - M-System Co.,Ltd. MAKF Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MAKF
MAKF SPECIFICATIONS
ES-8143 Rev.3 Page 1/5
http://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
ONE-PORT SURGE PROTECTOR FOR
POWER SUPPLY USE
Functions & Features
• Designed to protect electronics equipment from induced
lightning surges entering through power supply cables
• Connected in parallel between the power and
ground lines regardless of load current
• Varistor discharge element has a high speed response
without follow current
• No interruption of power supply even when the head
element is removed: easy maintenance and replacing
• Degraded head element is automatically separated from
the power lines to prevent overheating, with a relay contact
output to alert the failure status
• Head-base connection is keyed so that only a head
element of correct line voltage can be mounted
Typical Applications
• Low-voltage distribution board
• Combination with installation for large load current
18 ( .71)
97
(3.82)
mm (inch)
65
(2.56)
MODEL: MAKF–[1][2]
ORDERING INFORMATION
• Code number: MAKF-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. MAKF-120/AN)
[1] OPERATIONAL VOLTAGE
120: 120 V AC
240: 240 V AC
280: 280 V AC
400: 400 V AC
480: 480 V AC
[2] OPTIONS
Configuration
/AN: Without alarm output
/BN: Head element for replacement
RELATED PRODUCTS
•Single mount adaptor (model: MBS)
•Wiring bridge (model: CNB)
GENERAL SPECIFICATIONS
Construction: Plug-in
Degree of protection: IP20 (If the solderless terminals are
covered with insulation tubes.)
Surge protection type: Voltage limiting type one-port SPD
Connection
Line: M5 screw terminal (spring up-screw type)
(torque: 2.5 N·m)
Alarm output: Euro type connector terminal
(torque: 0.25 N·m)
Applicable wire size
Line connection: See the sloderless terminal drawing.
Alarm output: 0.14 to 1.5 mm2, stripped length 7 mm
Housing material: Flame-resistant resin (black)
Alarm output: The SPDT relay trips when the thermal
breaker operates and/or the head element is removed.
Rated load: 250 V AC @0.5 A (resistive load)
125 V DC @0.2 A (resistive load)
Minimum switching load: 5 V DC, 1 mA
Line voltage identification key: The connection of the head
element and the base is keyed for exact matching.
Safety function: Thermal breaker incorporated
Failure indicator: The check window color changes from
green (normal) to black (failed and the thermal breaker
separated the M-rester from the circuit).
F
d : M5 use
B ≤ 13.0 mm
F ≥ 7.0 mm
T ≤ 1.8 mm
• Applicable Solderless Terminal Size
diameter
d
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: DIN rail; Surface mounting available with the
Single Mount Adaptor model: MBS.
Weight: 100 g (3.53 oz)


Similar Part No. - MAKF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAK6A ETC2-MAK6A Datasheet
286Kb / 5P
MA SERIES - MICRO-LIMIT SWITCHES
MAK6B ETC2-MAK6B Datasheet
286Kb / 5P
MA SERIES - MICRO-LIMIT SWITCHES
MAK6C ETC2-MAK6C Datasheet
286Kb / 5P
MA SERIES - MICRO-LIMIT SWITCHES
MAK7A ETC2-MAK7A Datasheet
286Kb / 5P
MA SERIES - MICRO-LIMIT SWITCHES
logo
Taiyo Yuden (U.S.A.), I...
MAKK2016H1R0M TAIYO-YUDEN-MAKK2016H1R0M Datasheet
332Kb / 3P
Metal Core Wire-wound Chip Power Inductors (MCOIL, MA series H (High Spec.) type)
More results

Similar Description - MAKF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com