Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAKF Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MAKF
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAKF Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MAKF Datasheet HTML 1Page - M-System Co.,Ltd. MAKF Datasheet HTML 2Page - M-System Co.,Ltd. MAKF Datasheet HTML 3Page - M-System Co.,Ltd. MAKF Datasheet HTML 4Page - M-System Co.,Ltd. MAKF Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: MAKF
MAKF SPECIFICATIONS
ES-8143 Rev.3 Page 2/5
http://www.m-system.co.jp/
PERFORMANCE
Response time: ≤ 20 nsec.
Maximum discharge current: 20kA × twice (8/20 μsec.)
Nominal discharge current: 5 kA (8/20 μsec.)
Insulation resistance: ≥ 100 MΩ with 500 V DC (line to
alarm output)
Dielectric strength: 2000 V AC @ 1 minute (line to alarm
output)
Leakage current: ≤ 1 mA at the discharge voltages listed in
the table below.
MODEL
Uc
DISCHARGE
Up
VOLTAGE @1.0kA (8/20 µs) @5kA (8/20 µs)
(AC) (V)
(Vmin)
(Vmax)
(Vmax)
MAKF-120
150
250
600
800
MAKF-240
275
420
1000
1400
MAKF-280
320
460
1100
1500
MAKF-400
440
670
1500
2100
MAKF-480
530
820
1800
2500
Uc = Maximum continuous operational voltage
Up = Voltage protection level
CONNECTION EXAMPLES
■CONFIGURATION EXAMPLE: Single-phase / 2-wire connection
Protected
Device
Circuit
Breaker ‘a’
Cross-wiring
Grounding (100Ω or less)
MAKF
G
*1
*5
*2
*3
*4
*1.
*2.
*3.
*4.
*5.
The circuit breaker must be installed.
Molded-case circuit breakers (MCCB), earth leakage circuit breakers (ELCB) or
current-limiting fuses (slow-blow type only) can be used.
The rated interrupting capacity of the circuit breaker must be greater than the highest
amount of current that could be available in the circuit.
The MCCB or ELCB must has elements at both poles.
Time-delay type over-current protection is recommended for an ELCB.
Recommended sensitivity current rating: 30mA
If the rated current of the circuit breaker ‘a’ exceeds 30A, or if the loss of power supply
to the protected device should be prevented when the circuit breaker ‘a’ blows due to
a surge protector failure, install the circuit breaker ‘b’ (rated current 20-30 A) at the
branch circuit.
Cable length between the branch point and the grounding:
0.5 meters or less recommended.
The protected device’s metal housing must be cross-wired to the ground terminal of
the MAKF. If the protected device has no ground terminal, ground only the MAKF.
In order to protect an electronic circuit such as switching regulartors, we recommend
to use surge protectors which have serial impedance incorporated such as
M-System’s models MAX, MMA, MAH.
Circuit
Breaker ‘b’



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com