Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAH Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MAH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAH Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MAH Datasheet HTML 1Page - M-System Co.,Ltd. MAH Datasheet HTML 2Page - M-System Co.,Ltd. MAH Datasheet HTML 3Page - M-System Co.,Ltd. MAH Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: MAH
http://www.m-system.co.jp/
MAH SPECIFICATIONS
ES-8180 Rev.3 Page 3/4
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENT mm (inch)
5
6
7
8
1
2
3
4
LINE
LOAD
GND
ALARM
3
4
1
2
5
6
7
8
1
2
3
4
LINE
LOAD
GND
ALARM
1
2
40 (1.57)
20 (.79)
20 (.79)
95 (3.74)
80 (3.15)
6 (.24)
8–M4 SCREW
TERMINAL
10 (.39)
ALARM
INDICATOR LED
(four)
■ 3-WIRE
40 (1.57)
20 (.79)
20 (.79)
80 (3.15)
6 (.24)
8–M4 SCREW
TERMINAL
10 (.39)
ALARM
INDICATOR LED
(two)
■ 2-WIRE
MOUNTING REQUIREMENTS unit: mm (inch)
40 (1.57)
4–M5 SCREWS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com