Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAH Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MAH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAH Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MAH Datasheet HTML 1Page - M-System Co.,Ltd. MAH Datasheet HTML 2Page - M-System Co.,Ltd. MAH Datasheet HTML 3Page - M-System Co.,Ltd. MAH Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MAH
http://www.m-system.co.jp/
MAH SPECIFICATIONS
ES-8180 Rev.3 Page 1/4
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR
FOR POWER SUPPLY USE
(20 A)
Functions & Features
• Designed specifically for power requirements of medium
capacities (20 amps)
• Protecting electronic equipment from lightning surges that
enter through power supply circuits
• Discharge current capacity 10000 A
• Surge absorber failure indicated with LED
• Detaching the discharge elements from the power supply
circuits when fuses are blown
Typical Applications
• Computers and other electronic devices
• Control and telemetering systems
80 (3.15)
95 (3.74)
250 (9.84)
mm (inch)
MODEL: MAH–[1]
ORDERING INFORMATION
• Code number: MAH–[1]
Specify a code from below for [1].
(e.g. MAH-223)
[1] OPERATIONAL VOLTAGE
121: Single phase 2-wire, 100 V / 110 V / 120 V AC
221: Single phase 2-wire, 200 V / 220 V / 240 V AC
123: Single phase 3-wire, 100 V / 110 V / 120 V AC
(Phase voltage (line-neutrality))
223: Three phase 3-wire, 200 V / 220 V / 240 V AC
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection: M4 screw terminals (torque 1.6 N·m)
Screw terminal: Nickel-plated brass
Housing material: Steel plate t = 1.6 (black)
Alarm indicator LED: Red lights turn ON with power
supplied; OFF at error
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight: 2 kg (4.4 lbs)
PERFORMANCE
Response time: ≤ 0.1 μsec.
Discharge current capacity: 10000 A (8/ 20 μsec.)
Maximum load current: 20 A
Voltage drop: ≤ 1 V (50/60 Hz)
BETWEEN LINES
LINE TO GND
MAH-121
(MAH-123
line-neutrality)
MAH-221, 223
(MAH-123 1-3)
Discharge volt.
(peak volt.)
190V min.
380V min.
380V min.
Max. surge
voltage *
350V max.
700V max.
700V max.
Leakage
current
≤40mA **
@110V AC
≤40mA **
@220V AC
≤1mA
@220V AC
* The maximum voltage that could pass through M-REST-
ER. Protected equipment must be able to withstand this
voltage for very short time period.
** Including the current consumed at the LEDs.


Similar Part No. - MAH

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MAH MTRONPTI-MAH Datasheet
268Kb / 1P
8 pin DIP, 5.0 or 3.3 Volt, ACMOS/TTL, Clock Oscillators
logo
MMD Components
MAH MMD-MAH Datasheet
91Kb / 1P
Industry Standard Package
MAH MMD-MAH Datasheet
83Kb / 2P
MAH Series 14 Pin DIP Oscillator
logo
Renesas Technology Corp
MAH-XXXSP RENESAS-MAH-XXXSP Datasheet
1Mb / 112P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
MMD Components
MAH1 MMD-MAH1 Datasheet
588Kb / 2P
14 Pin DIP Oscillator
More results

Similar Description - MAH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com