Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAH Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MAH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAH Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MAH Datasheet HTML 1Page - M-System Co.,Ltd. MAH Datasheet HTML 2Page - M-System Co.,Ltd. MAH Datasheet HTML 3Page - M-System Co.,Ltd. MAH Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MAH
http://www.m-system.co.jp/
MAH SPECIFICATIONS
ES-8180 Rev.3 Page 2/4
CONNECTION EXAMPLES
6
5
4
G
1
2
U
V
V
B
AC
SOURCE
M-RESTER
BREAKER
Be sure to
install
the breaker.
PROTECTED
EQUIPMENT
7
5
4
G
1
U
W
B
AC
SOURCE
M-RESTER
BREAKER
Be sure to
install
the breaker.
PROTECTED
EQUIPMENT
3
6
2
■ Single phase 2-wire
■ Three phase 3-wire
■ Single phase 3-wire
N
7
5
4
G
1
U
V
B
AC
SOURCE
M-RESTER
BREAKER
Be sure to
install
the breaker.
PROTECTED
EQUIPMENT
3
6
2
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and ground or metallic
housing of equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com